データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV611 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV611
部品情報  1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV611 データシート(HTML) 6 Page - Texas Instruments

Back Button LMV611 Datasheet HTML 2Page - Texas Instruments LMV611 Datasheet HTML 3Page - Texas Instruments LMV611 Datasheet HTML 4Page - Texas Instruments LMV611 Datasheet HTML 5Page - Texas Instruments LMV611 Datasheet HTML 6Page - Texas Instruments LMV611 Datasheet HTML 7Page - Texas Instruments LMV611 Datasheet HTML 8Page - Texas Instruments LMV611 Datasheet HTML 9Page - Texas Instruments LMV611 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LMV611, LMV612, LMV614
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 5V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
LMV611 (Single)
1
4
mV
LMV612 (Dual)
1
5.5
mV
LMV614 (Quad)
TCVOS
Input Offset Voltage Average
5.5
μV/°C
Drift
IB
Input Bias Current
14
35
nA
IOS
Input Offset Current
9
nA
IS
Supply Current (per channel)
116
210
μA
CMRR
Common Mode Rejection Ratio
0
≤ VCM ≤ 3.8V
60
86
4.6V
≤ VCM ≤ 5.0V
(4)
dB
−0.2V ≤ VCM ≤ 0V
50
78
5.0V
≤ VCM ≤ 5.2V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
100
dB
VCM = 0.5V
CMVR
Input Common-Mode Voltage
For CMRR Range TA = 25°C
V
−0.2
−0.2 to 5.3
V+ +0.2
Range
≥ 50dB
TA = −40°C to
V
V+
V
85°C
TA = 125°C
V+0.3
V+
−0.3
AV
Large Signal Voltage Gain
RL = 600Ω to 2.5V,
88
102
LMV611 (Single)
VO = 0.2V to 4.8V
dB
RL = 2kΩ to 2.5V,
94
113
VO = 0.2V to 4.8V
Large Signal Voltage Gain
RL = 600Ω to 2.5V,
81
90
LMV612 (Dual)
VO = 0.2V to 4.8V
dB
LMV614 (Quad)
RL = 2kΩ to 2.5V,
85
100
VO = 0.2V to 4.8V
VO
Output Swing
RL = 600Ω to 2.5V
4.855
4.890
VIN = ±100mV
0.120
0.160
V
RL = 2kΩ to 2.5V
4.945
4.967
VIN = ±100mV
0.037
0.065
IO
Output Short Circuit Current(5)
LMV611, Sourcing, VO = 0V
100
VIN = 100mV
mA
Sinking, VO = 5V
65
VIN = −100mV
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Applications section for information of temperature derating of the device. Absolute
Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or
electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
For specified temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV611 LMV612 LMV614


同様の部品番号 - LMV611

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611MF TI1-LMV611MF Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611MF/NOPB TI1-LMV611MF/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
logo
National Semiconductor ...
LMV611MFNOPB NSC-LMV611MFNOPB Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
More results

同様の説明 - LMV611

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com