データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA78RH33RTF データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA78RH33RTF
部品情報  Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78RH33RTF データシート(HTML) 1 Page - Fairchild Semiconductor

  KA78RH33RTF Datasheet HTML 1Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 2Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 3Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 4Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78RH33R Rev. 1.1.0
1
June 2014
KA78RH33R
Low Dropout Voltage Regulator
Features
• Fixed Output Voltage of +3.3 V
• Space-Saving SMD Types of DPAK
• 1 V (Typical) Dropout at IO = 800 mA
• Output Current: 800 mA
• Thermal Shutdown Protection
• Over-Current Protection
• Output Trimmed to ±1% Tolerance
• No Minimum Load Requirement
Ordering Information
* Refer to above unit orientation figure for TM / TF suffix packing.
Block Diagram
Figure 1. Block Diagram
Part Number
Operating Tem-
perature Range
Top Mark
Package
Packing Method
KA78RH33RTF
-25
°C to +125°C
KA78RH33
TO-252 3L (DPAK)
Tape and Reel
KA78RH33RTM
-25
°C to +125°C
KA78RH33
TO-252 3L (DPAK)
Tape and Reel
3.Vin
2.Vout
1.GND
CURRENT
GENERATOR
PROTECTION
CIRCUIT
2.VOUT
3.VIN
Description
The KA78RH33 is a +3.3V, fixed, low dropout voltage
regulator specifically designed for use in low-voltage
operation. The maximum load current is 0.8 A and the
dropout voltage is guaranteed to be 1 V (typical). The
dropout voltage varies with load current. The regulator
consists of composite PNP-NPN pass transistors.
D-PAK
1. GND 2. VOUT 3.VIN
1


同様の部品番号 - KA78RH33RTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA78RH33 FAIRCHILD-KA78RH33 Datasheet
61Kb / 6P
   Semi Low Dropout Voltage Regulator
More results

同様の説明 - KA78RH33RTF

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com