データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC108S102 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC108S102
部品情報  ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC108S102 データシート(HTML) 1 Page - Texas Instruments

  ADC108S102 Datasheet HTML 1Page - Texas Instruments ADC108S102 Datasheet HTML 2Page - Texas Instruments ADC108S102 Datasheet HTML 3Page - Texas Instruments ADC108S102 Datasheet HTML 4Page - Texas Instruments ADC108S102 Datasheet HTML 5Page - Texas Instruments ADC108S102 Datasheet HTML 6Page - Texas Instruments ADC108S102 Datasheet HTML 7Page - Texas Instruments ADC108S102 Datasheet HTML 8Page - Texas Instruments ADC108S102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC108S102
ADC108S102
www.ti.com
SNAS336B – SEPTEMBER 2005 – REVISED MARCH 2013
ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
Check for Samples: ADC108S102
1
FEATURES
DESCRIPTION
The ADC108S102 is a low-power, eight-channel
23
Eight Input Channels
CMOS 10-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 500 kSPS to 1 MSPS.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI/QSPI/MICROWIRE/DSP Compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-Lead TSSOP
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
KEY SPECIFICATIONS
compatible with several standards, such as SPI™,
Conversion Rate: 500 kSPS to 1 MSPS
QSPI™, MICROWIRE, and many common DSP
DNL (VA = VD = 5.0 V): ±0.5 LSB (max)
serial interfaces.
INL (VA = VD = 5.0 V): ±0.5 LSB (max)
The ADC108S102 may be operated with independent
Power Consumption:
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
3V Supply 2.1 mW (typ)
supply (VD) can range from +2.7V to VA. Normal
5V Supply 9.4 mW (typ)
power consumption using a +3V or +5V supply is 2.1
mW and 9.4 mW, respectively. The power-down
APPLICATIONS
feature reduces the power consumption to 0.09 µW
using a +3V supply and 0.30 µW using a +5V supply.
Automotive Navigation
The ADC108S102 is packaged in a 16-lead TSSOP
Portable Systems
package. Operation over the extended industrial
Medical Instruments
temperature range of
−40°C to +105°C is ensured.
Mobile Communications
Instrumentation and Control Systems
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - ADC108S102

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102CIMT NSC-ADC108S102CIMT Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S102CIMT TI1-ADC108S102CIMT Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC108S102CIMT/NOPB TI1-ADC108S102CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results

同様の説明 - ADC108S102

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com