データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC102S021 データシート(PDF) 1 Page - Texas Instruments

部品番号 ADC102S021
部品情報  ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC102S021 データシート(HTML) 1 Page - Texas Instruments

  ADC102S021_14 Datasheet HTML 1Page - Texas Instruments ADC102S021_14 Datasheet HTML 2Page - Texas Instruments ADC102S021_14 Datasheet HTML 3Page - Texas Instruments ADC102S021_14 Datasheet HTML 4Page - Texas Instruments ADC102S021_14 Datasheet HTML 5Page - Texas Instruments ADC102S021_14 Datasheet HTML 6Page - Texas Instruments ADC102S021_14 Datasheet HTML 7Page - Texas Instruments ADC102S021_14 Datasheet HTML 8Page - Texas Instruments ADC102S021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
5
6
7
8
CS
SCLK
DOUT
DIN
IN1
GND
ADC102S021
IN2
VA
ADC102S021
www.ti.com
SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
Check for Samples: ADC102S021
1
FEATURES
DESCRIPTION
The
ADC102S021
is
a
low-power,
two-channel
2
Specified Over a Range of Sample Rates.
CMOS 10-bit analog-to-digital converter with a high-
Two Input Channels
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC102S021 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 50 ksps to 200 ksps. The
converter is based on a successive-approximation
APPLICATIONS
register architecture with an internal track-and-hold
Portable Systems
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
Remote Data Acquisition
Instrumentation and Control Systems
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
KEY SPECIFICATIONS
serial interfaces.
DNL: ± 0.13 LSB (typ)
The ADC102S021 operates with a single supply that
INL: ± 0.13 LSB (typ)
can range from +2.7V to +5.25V. Normal power
SNR: 61.8 dB (typ)
consumption using a +3V or +5V supply is 1.94 mW
Power Consumption
and 6.9 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 µW using
3V Supply: 1.94mW (typ)
a +3V supply, or 0.47 µW using a +5V supply.
5V Supply: 6.9 mW (typ)
The ADC102S021 is packaged in an 8-lead VSSOP
package. Operation is specified over the industrial
temperature range of
−40°C to +85°C.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Specified for Sample Rates of:
Resolution
50 to 200 ksps
200 to 500 ksps
500 ksps to 1Msps
12-bit
ADC122S021
ADC122S051
ADC122S101
10-bit
ADC102S021
ADC102S051
ADC102S101
8-bit
ADC082S021
ADC082S051
ADC082S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. VSSOP Package
See Package Number DGK0008A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - ADC102S021_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021CIMM/NOPB TI-ADC102S021CIMM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021CIMMX/NOPB TI-ADC102S021CIMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results

同様の説明 - ADC102S021_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC122S021 TI1-ADC122S021_14 Datasheet
1Mb / 27P
[Old version datasheet]   ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com