データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10D020CIVS データシート(PDF) 6 Page - Texas Instruments

部品番号 ADC10D020CIVS
部品情報  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVS データシート(HTML) 6 Page - Texas Instruments

Back Button ADC10D020CIVS Datasheet HTML 2Page - Texas Instruments ADC10D020CIVS Datasheet HTML 3Page - Texas Instruments ADC10D020CIVS Datasheet HTML 4Page - Texas Instruments ADC10D020CIVS Datasheet HTML 5Page - Texas Instruments ADC10D020CIVS Datasheet HTML 6Page - Texas Instruments ADC10D020CIVS Datasheet HTML 7Page - Texas Instruments ADC10D020CIVS Datasheet HTML 8Page - Texas Instruments ADC10D020CIVS Datasheet HTML 9Page - Texas Instruments ADC10D020CIVS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADC10D020
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics
The following specifications apply for VA = VD = VDR = +3.0 VDC, VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (a.c.
coupled) = FSR = 1.0 VP-P, CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1).
Typical
Units
Symbol
Parameter
Conditions
Limits (3)
(2)
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity
±0.65
±1.8
LSB (max)
+1.2
LSB (max)
DNL
Differential Non-Linearity
±0.35
−1.0
LSB (min)
Resolution with No Missing Codes
10
Bits
+10
LSB (max)
Without Offset Correction
−5
−16
LSB (min)
VOFF
Offset Error
+2.0
LSB (max)
With Offset Correction
+0.5
−1.5
LSB (min)
+6
%FS (max)
GE
Gain Error
−4
−14
%FS (min)
DYNAMIC CONVERTER CHARACTERISTICS
fIN = 1.0 MHz, VIN = FSR −0.1 dB
9.5
Bits
fIN = 4.7 MHz, VIN = FSR −0.1 dB
9.5
9.0
Bits (min)
ENOB
Effective Number of Bits
fIN = 9.5 MHz, VIN = FSR −0.1 dB
9.5
Bits
fIN = 19.5 MHz, VIN = FSR −0.1 dB
9.5
Bits
fIN = 1.0 MHz, VIN == FSR −0.1 dB
59
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
59
56
dB (min)
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 9.5 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 1.0 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
59
56
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 9.5 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 1.0 MHz, VIN = FSR −0.1 dB
−73
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
−73
−62
dB (min)
THD
Total Harmonic Distortion
fIN = 9.5 MHz, VIN = FSR −0.1 dB
−73
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
−73
dB
fIN = 1.0 MHz, VIN = FSR −0.1 dB
−84
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
−92
dB
HS2
Second Harmonic
fIN = 9.5 MHz, VIN = FSR −0.1 dB
−87
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
−87
dB
fIN = 1.0 MHz, VIN = FSR −0.1 dB
−80
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
−78
dB
HS3
Third Harmonic
fIN = 9.5 MHz, VIN = FSR −0.1 dB
−78
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
−78
dB
fIN = 1.0 MHz, VIN = FSR −0.1 dB
76
dB
fIN = 4.7 MHz, VIN = FSR −0.1 dB
75
dB
SFDR
Spurious Free Dynamic Range
fIN = 9.5 MHz, VIN = FSR −0.1 dB
75
dB
fIN = 19.5 MHz, VIN = FSR −0.1 dB
74
dB
(1)
The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device.
However, errors in the A/D conversion can occur if the input goes beyond the limits given in these tables. See Figure 2
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(3)
Test limits are specified to TI's AOQL (Average Outgoing Quality Level). Performance is ensured only at VREF = 1.0V and a clock duty
cycle of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are
performed and limits specified with clock low and high levels of 0.3V and VD − 0.3V, respectively.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D020


同様の部品番号 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10D020CIVS NSC-ADC10D020CIVS Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX/NOPB TI1-ADC10D020CIVSX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

同様の説明 - ADC10D020CIVS

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com