データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4-024M データシート(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

部品番号 M4-024M
部品情報  DIL Pitch Terminals .High Sensitivity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HUAXINAN [HuaXinAn Electronics CO.,LTD]
ホームページ  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

M4-024M データシート(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  M4-024M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Characteristics
Temperature Range
Mass
Electrostatic capacitance
Between open Contacts
Approx.0.7pF
Item 4.41 of IEC 61810-7
Between coil & Contacts
Approx.1.0pF
Item 4.41 of IEC 61810-7
Between Contact Poles
Approx.0.9pF
Item 4.41 of IEC 61810-7
Insulation Resistance
Dielectric Strength
Between open Contacts
1000VAC 1min
Item 6 of IEC 61810-5
Between coil & Contacts
1000VAC 1min
Item 6 of IEC 61810-5
Between Contact Poles
1000VAC 1min
Item 6 of IEC 61810-5
Surge Withstand Voltage
Between open Contacts
1500V
FCC68
Between coil & Contacts
1500V
FCC68
Between Contact Poles
1500V
FCC68
Shock resistance
Vibration resistance
Terminals strength
Solderability
4.5g
IEC68-2-27 Test Ea
IEC68-2-6 Test Fc
IEC68-2-20 Test Ta method 1
IEC68-2-21 Test Ua1
2
Functional:100m/s 11ms;
2
Survival:1000 m/s 6ms
10~55Hz Double amplitude
Functional
:1.5mm Survival:5mm
5N
-40~90
(-40~194
F)
(-40~80
for 0.3W Coil)
235
2
3
0.5s
Safety approvals
Safety approval
UL&CUR
Load
1A/24VDC 0.5A/120VAC
Dimensions
mm/inch
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
40
M4
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
Mounting (Bottom view)
Dimensions
0.1
0.031
2.54
Tolerance:
0.1/
0.004
8- 0.8
Wiring diagram
(Bottom view)
1
4
6
13
9
11
8
16
DIL Pitch Terminals .High Sensitivity.
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC.
Fully sealed (immersion cleaning).
High Reliability bifurcated Contact.
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems,Measuring instruments,
Medical Monitoring Equipment,Audio Visual Equipment,Flight Simulator,Sensor Control.
M4 1 2
H A
W
1
2
3
4
5
Ordering Information
Features
1 Part mumber
M4
2 Coil rated voltage
DC:3:3V
5:5V
6:6V
9:9V
12:12V
18:18V
24:24V
48:48V
3 Enclosure
H: Sealed Type
4 Nominal coil power
Nil:0.15W
A:0.2W
M:0.45W
5 Contact material
Nil: AgPd W: AgNi
Contact Data
Contact Arrangement
2C DPDT(B-M)
Bifurcated Crossbar
Contact Material
AgPd( Gold clad ) AgNi(Gold clad
Contact Rating (resistive)
1A/24VDC; 0.5A/120VAC
Max. Switching Power
60W 125VA
Min. Switching load
0.01mA/10mV
Reference Value
Max. Switching Voltage
220VDC 250VAC
Max. Switching Current:2A
Contact Resistance or
Voltage drop
55
1A/24VDC
5
10
Ag Ni
1
10
Life
Mechanical
8
10
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
3.Unless otherwise stated, the rated coil voltage specified in coil parameter table shall be used for all tests
and its application to the relay.
Electrical
50m
Item 4.12 of IEC 61810-7
Operational
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up voltage
VDC(max)
(70% or 66%of rated
voltage )
Release voltage
VDC(min)
(5% or 10% of
rated voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
M4-003
3
7.5
60
2.1
0.15
0.15
M4-005
5
12.5
167
3.5
0.25
0.15
M4-006
6
15.0
240
4.2
0.3
0.15
M4-009
9
22.5
540
6.3
0.45
0.15
M4-012
12
30.0
960
8.4
0.6
0.15
M4-018
18
40.0
1620
12.6
0.9
0.20
M4-024
24
52.9
2880
16.8
1.2
0.20
M4-048
48
84.9
7680
33.6
2.4
0.30
Approx. 5
M4-005M
5
7.7
56
3.3
0.5
0.45
M4-006M
6
9.2
80
4.0
0.6
0.45
M4-009M
9
13.7
180
6.0
0.9
0.45
M4-012M
12
18.3
320
8.0
1.2
0.45
M4-018M
18
27.5
720
12.0
1.8
0.45
M4-024M
24
36.7
1280
15.9
2.4
0.45
M4-048M
48
72.5
5000
33.0
4.8
0.45
M4
M4-003A
3
6.5
45
2.1
0.3
0.2
M4-005A
5
10.8
125
3.5
0.5
0.2
M4-006A
6
13.0
180
4.2
0.6
0.2
M4-009A
9
19.5
405
6.3
0.9
0.2
M4-012A
12
26.5
720
8.4
1.2
0.2
M4-024A
24
52.9
2880
16.8
2.4
0.2
M4-048A
48
103.9
11520
33.6
4.8
0.2
39
Item 4.30 of IEC 61810-7
Item 4.30 of IEC 61810-7
5
0.5A/120VAC 2
10
R
E169380
C
US
20.0
9.8
12.0
Approx. 3
Approx. 5 Approx. 3
Approx. 5 Approx. 3
0.787max.
20max.
0.386max.
9.8max.
0.787
0.5
0.20
5.08
0.20
5.08
0.30
7.62
0.044
1.11
0.01
0.25
0.30
7.62
U
T V
1A/24VDC
0.5A/120VAC
R50044268
Ningbo Huaguan Electronics Corporation LTD.


同様の部品番号 - M4-024M

メーカー部品番号データシート部品情報
logo
Marki Microwave
M4-0040 MARKIMICROWAVE-M4-0040 Datasheet
164Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0050 MARKIMICROWAVE-M4-0050 Datasheet
142Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
   DOUBLE-BALANCED MIXERS
M4-0140 MARKIMICROWAVE-M4-0140 Datasheet
163Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0150 MARKIMICROWAVE-M4-0150 Datasheet
168Kb / 2P
   DOUBLE-BALANCED MIXERS
More results

同様の説明 - M4-024M

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M4S HUAXINAN-M4S Datasheet
357Kb / 1P
   DIL Pitch Terminals .High Sensitivity
logo
DB Lectro Inc
M4S DBLECTRO-M4S Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1B DBLECTRO-M1B Datasheet
146Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
HuaXinAn Electronics CO...
NX2SA HUAXINAN-NX2SA Datasheet
578Kb / 2P
   DIL pitch terminals .Surface mount type with L shaped teminal;
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com