データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC0820AC データシート(PDF) 1 Page - Texas Instruments

部品番号 TLC0820AC
部品情報  Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC0820AC データシート(HTML) 1 Page - Texas Instruments

  TLC0820AC_14 Datasheet HTML 1Page - Texas Instruments TLC0820AC_14 Datasheet HTML 2Page - Texas Instruments TLC0820AC_14 Datasheet HTML 3Page - Texas Instruments TLC0820AC_14 Datasheet HTML 4Page - Texas Instruments TLC0820AC_14 Datasheet HTML 5Page - Texas Instruments TLC0820AC_14 Datasheet HTML 6Page - Texas Instruments TLC0820AC_14 Datasheet HTML 7Page - Texas Instruments TLC0820AC_14 Datasheet HTML 8Page - Texas Instruments TLC0820AC_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Advanced LinCMOS™ Silicon-Gate
Technology
D 8-Bit Resolution
D Differential Reference Inputs
D Parallel Microprocessor Interface
D Conversion and Access Time Over
Temperature Range
Read Mode... 2.5
µs Max
D No External Clock or Oscillator
Components Required
D On-Chip Track and Hold
D Single 5-V Supply
D TLC0820A Is Direct Replacement for
National Semiconductor ADC0820C/CC and
Analog Devices AD7820K/B/T
description
The
TLC0820AC
and
the
TLC0820AI
are
Advanced
LinCMOS
™ 8-bit analog-to-digital
converters each consisting of two 4-bit flash
converters, a 4-bit digital-to-analog converter, a
summing (error) amplifier, control logic, and a
result latch circuit. The modified flash technique
allows low-power integrated circuitry to complete
an 8-bit conversion in 1.18
µs over temperature.
The on-chip track-and-hold circuit has a 100-ns
sample window and allows these devices to
convert continuous analog signals having slew
rates of up to 100 mV/
µs without external
sampling components. TTL-compatible 3-state
output drivers and two modes of operation allow
interfacing to a variety of microprocessors. Detailed information on interfacing to most popular microprocessors
is readily available from the factory.
AVAILABLE OPTIONS
TOTAL
PACKAGE
TA
TOTAL
UNADJUSTED
ERROR
SSOP
(DB)
PLASTIC
SMALL OUTLINE
(DW)
PLASTIC
CHIP CARRIER
(FN)
PLASTIC DIP
(N)
0
°C to 70°C
±1 LSB
TLC0820ACDB
TLC0820ACDW
TLC0820ACFN
TLC0820ACN
–40
°C to 85°C
±1 LSB
TLC0820AIDW
TLC0820AIFN
TLC0820AIN
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ANLG IN
(LSB) D0
D1
D2
D3
WR/RDY
MODE
RD
INT
GND
VCC
NC
OFLW
D7 (MSB)
D6
D5
D4
CS
REF +
REF –
DB, DW, OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OFLW
D7 (MSB)
D6
D5
D4
D2
D3
WR/RDY
MODE
RD
FN PACKAGE
(TOP VIEW)
NC – No internal connection
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.


同様の部品番号 - TLC0820AC_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC0820ACDB TI-TLC0820ACDB Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDB TI-TLC0820ACDB Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDB TI-TLC0820ACDB Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDB TI1-TLC0820ACDB Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDBG4 TI-TLC0820ACDBG4 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

同様の説明 - TLC0820AC_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_06 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com