データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC1550I データシート(PDF) 3 Page - Texas Instruments

部品番号 TLC1550I
部品情報  Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550I データシート(HTML) 3 Page - Texas Instruments

  TLC1550I_14 Datasheet HTML 1Page - Texas Instruments TLC1550I_14 Datasheet HTML 2Page - Texas Instruments TLC1550I_14 Datasheet HTML 3Page - Texas Instruments TLC1550I_14 Datasheet HTML 4Page - Texas Instruments TLC1550I_14 Datasheet HTML 5Page - Texas Instruments TLC1550I_14 Datasheet HTML 6Page - Texas Instruments TLC1550I_14 Datasheet HTML 7Page - Texas Instruments TLC1550I_14 Datasheet HTML 8Page - Texas Instruments TLC1550I_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.†
NO.‡
DESCRIPTION
ANLG GND
4
3
Analog ground. The reference point for the voltage applied on terminals ANLG VDD, AIN, REF+, and REF−.
AIN
5
4
Analog voltage input. The voltage applied to AIN is converted to the equivalent digital output.
ANLG VDD
6
5
Analog positive power supply voltage. The voltage applied to this terminal is designated VDD3.
CLKIN
26
22
Clock input. CLKIN is used for external clocking instead of using the internal system clock. It usually takes a
few microseconds before the internal clock is disabled. To use the internal clock, CLKIN should be tied high
or left unconnected.
CS
25
21
Chip-select. CS must be low for RD or WR to be recognized by the A/D converter.
D0
13
11
Data bus output. D0 is bit 1 (LSB).
D1
14
12
Data bus output. D1 is bit 2.
D2
16
13
Data bus output. D2 is bit 3.
D3
17
14
Data bus output. D3 is bit 4.
D4
18
15
Data bus output. D4 is bit 5.
D5
19
16
Data bus output. D5 is bit 6.
D6
20
17
Data bus output. D6 is bit 7.
D7
21
18
Data bus output. D7 is bit 8.
D8
23
19
Data bus output. D8 is bit 9.
D9
24
20
Data bus output. D9 is bit 10 (MSB).
DGTL GND1
7
6
Digital ground 1. The ground for power supply DGTL VDD1 and is the substrate connection
DGTL GND2
9
7
Digital ground 2. The ground for power supply DGTL VDD2
DGTL VDD1
10
8
Digital positive power-supply voltage 1. DGTL VDD1 supplies the logic. The voltage applied to DGTL VDD1 is
designated VDD1.
DGTL VDD2
11
9
Digital positive power-supply voltage 2. DGTL VDD2 supplies only the higher-current output buffers. The voltage
applied to DGTL VDD2 is designated VDD2.
EOC
12
10
End-of-conversion. EOC goes low indicating that conversion is complete and the results have been transferred
to the output latch. EOC can be connected to the
µP- or DSP-interrupt terminal or can be continuously polled.
RD
28
24
Read input. When CS is low and RD is taken low, the data is placed on the data bus from the output latch. The
output latch stores the conversion results at the most recent negative edge of EOC. The falling edge of RD
resets EOC to a high within the td(EOC) specifications.
REF+
2
1
Positive voltage-reference input. Any analog input that is greater than or equal to the voltage on REF+ converts
to 1111111111. Analog input voltages between REF + and REF − convert to the appropriate result in a ratiometric
manner.
REF −
3
2
Negative voltage reference input. Any analog input that is less than or equal to the voltage on REF − converts
to 0000000000.
WR
27
23
Write input. When CS is low, conversion is started on the rising edge of WR. On this rising edge, the ADC holds
the analog input until conversion is completed. Before and after the conversion period, which is given by t conv,
the ADC remains in the sampling mode.
† Terminal numbers for FK and FN packages.
‡ Terminal numbers for J, DW, and NW packages.


同様の部品番号 - TLC1550I_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

同様の説明 - TLC1550I_14

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
   Power Dissipation Pcm= 625 mW (Ta=25C)
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com