データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC1541CDWR データシート(PDF) 8 Page - Texas Instruments

部品番号 TLC1541CDWR
部品情報  10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1541CDWR データシート(HTML) 8 Page - Texas Instruments

Back Button TLC1541CDWR Datasheet HTML 4Page - Texas Instruments TLC1541CDWR Datasheet HTML 5Page - Texas Instruments TLC1541CDWR Datasheet HTML 6Page - Texas Instruments TLC1541CDWR Datasheet HTML 7Page - Texas Instruments TLC1541CDWR Datasheet HTML 8Page - Texas Instruments TLC1541CDWR Datasheet HTML 9Page - Texas Instruments TLC1541CDWR Datasheet HTML 10Page - Texas Instruments TLC1541CDWR Datasheet HTML 11Page - Texas Instruments TLC1541CDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TLC1541
10-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 INPUTS
SLAS073C – DECEMBER 1995 – REVISED AUGUST 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 2, the time required to charge the analog input capacitance from 0 V to
VS within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by
VC = VS 1–e
–tc/RtCi
(
)
(1)
where
Rt = Rs + ri
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS – (VS/2048)
Equating equation 1 to equation 2 and solving for time (tc) gives
VS –(VS/2048) = VS 1–e
(
)
(3)
–tc/RtCi
and
tc (1/2 LSB) = Rt × Ci × ln(2048)
(4)
Therefore, with the values given, the time for the analog input signal to settle is
(5)
tc (1/2 LSB) = (Rs + 1 kΩ) × 55 pF × ln(2048)
This time must be less than the converter sample time shown in the timing diagrams.
VI = Input Voltage at INPUT A0 – A10
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
† Driving source requirements:
• Noise and distortion levels for the source must be at least
equivalent to the resolution of the converter.
• Rs must be real at the input frequency.
Rs
ri
VS
VC
55 pF MAX
1 k
Ω MAX
Driving Source†
TLC1541
Ci
VI
Figure 2. Equivalent Input Circuit Including the Driving Source


同様の部品番号 - TLC1541CDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1541CDW TI-TLC1541CDW Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

同様の説明 - TLC1541CDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543C TI-TLV1543C Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com