データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC1550IDWRG4 データシート(PDF) 9 Page - Texas Instruments

部品番号 TLC1550IDWRG4
部品情報  Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550IDWRG4 データシート(HTML) 9 Page - Texas Instruments

Back Button TLC1550IDWRG4 Datasheet HTML 5Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 6Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 9Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 10Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 11Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 12Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The operating sequence for complete data acquisition is shown in Figure 3. Processors can address the TLC1550
and TLC1551 as an external memory device by simply connecting the address lines to a decoder and the decoder
output to CS. Like other peripheral devices, the write (WR) and read (RD) input signals are valid only when CS is low.
Once CS is low, the onboard system clock permits the conversion to begin with a simple write command and the
converted data to be presented to the data bus with a simple read command. The device remains in a sampling (track)
mode from the rising edge of EOC until conversion begins with the rising edge of WR, which initiates the hold mode.
After the hold mode begins, the clock controls the conversion automatically. When the conversion is complete, the
end-of-conversion (EOC) signal goes low indicating that the digital data has been transferred to the output latch.
Lowering CS and RD then resets EOC and transfers the data to the data bus for the processor read cycle.
0.8 V
0.8 V
0.8 V
0.8 V
1.4 V
2 V
1.4 V
0.8 V
2 V
0.8 V
2 V
0.8 V
2 V
0.8 V
tsu(CS)
th(CS)
tw(WR)
tc
tsu(CS)
th(CS)
tdis(D)
tv(D)
ta(D)
td(EOC)
0.8 V
2 V
CS
WR
RD
EOC
D0 − D9
Data Valid
Figure 3. TLC1550 or TLC1551 Operating Sequence


同様の部品番号 - TLC1550IDWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1550IDWRG4 TI-TLC1550IDWRG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

同様の説明 - TLC1550IDWRG4

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
   Power Dissipation Pcm= 625 mW (Ta=25C)
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com