データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MPS2907A データシート(PDF) 1 Page - General Semiconductor

部品番号 MPS2907A
部品情報  SMALL SIGNAL TRANSISTORS (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

MPS2907A データシート(HTML) 1 Page - General Semiconductor

  MPS2907A Datasheet HTML 1Page - General Semiconductor MPS2907A Datasheet HTML 2Page - General Semiconductor MPS2907A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPS2907A
SMALL SIGNAL TRANSISTORS (PNP)
FEATURES
♦ PNP Silicon Epitaxial Planar Transistor for
switching and amplifier applications.
♦ On special request, this transistor is also
manufactured in the pin configuration
TO-18.
♦ This transistor is also available in the
SOT-23 case with the type designation
MMBT2907A.
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage
–VCBO
60
Volts
Collector-Emitter Voltage
–VCEO
60
Volts
Emitter-Base Voltage
–VEBO
5.0
Volts
Collector Current
–IC
600
mA
Power Dissipation at TA = 25°C
Ptot
625
mW
Derate above 25°C
5.0
mW/°C
Power Dissipation at TC = 25°C
Ptot
1.5
mW
Derate above 25°C
12
mW/°C
Thermal Resistance Junction to Ambient Air
R
ΘJA
200
°C/W
Thermal Resistance Junction Case
R
ΘJC
83.3
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–500 to +150
°C
NOTES:
(1) Valid provided that leads are kept at ambient temperature.
0.181 (4.6)
0.142 (3.6)
0.098 (2.5)
max.
∅ 0.022 (0.55)
E
C
B
TO-92
12/16/98
Dimensions in inches and (millimeters)
PRELIMINARY
PRELIMINARY
PRELIMINARY


Html Pages

1  2  3 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
BC807 Small Signal Transistors PNP 1  2  3  4  5  General Semiconductor
2N3707 NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1  2  Micro Electronics
CP592V Small Signal Transistors PNP - Amp/Switch Transistor Chip 1  2  Central Semiconductor Corp
CP741V Small Signal Transistors PNP - Low VCE SAT Transistor Chip 1  Central Semiconductor Corp
2N2905A SMALL SIGNAL PNP TRANSISTORS 1  2  3  4  5  More STMicroelectronics
BC856 Small Signal Transistors PNP 1  2  3  4  5  More General Semiconductor
CP593 Small Signal Transistors PNP - Amp/Switch Transistor Chip 1  Central Semiconductor Corp
CP753V Small Signal Transistors PNP - High Current Transistor Chip 1  Central Semiconductor Corp
BF421 Small Signal Transistors PNP 1  2  General Semiconductor
2N5322 SMALL SIGNAL PNP TRANSISTORS 1  2  3  4  STMicroelectronics

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn