データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV0832CD データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV0832CD
部品情報   8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0832CD データシート(HTML) 9 Page - Texas Instruments

Back Button TLV0832CD Datasheet HTML 5Page - Texas Instruments TLV0832CD Datasheet HTML 6Page - Texas Instruments TLV0832CD Datasheet HTML 7Page - Texas Instruments TLV0832CD Datasheet HTML 8Page - Texas Instruments TLV0832CD Datasheet HTML 9Page - Texas Instruments TLV0832CD Datasheet HTML 10Page - Texas Instruments TLV0832CD Datasheet HTML 11Page - Texas Instruments TLV0832CD Datasheet HTML 12Page - Texas Instruments TLV0832CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Vref − Reference Voltage − V
Vref − Reference Voltage − V
VCC = 3.3 V
f(CLK) = 250 kHz
TA = 25°C
4
3
2
1
0
0.25
0.5
0.75
1.0
1.25
0
1.5
10
1.0
0.1
0.01
VI+ = VI− = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 4
Figure 5
f(CLK) − Clock Frequency − kHz
TA − Free-Air Tempertature − °C
Vref = 3.3 V
f(CLK) = 250 kHz
100
75
50
25
0
−25
0.5
0.45
0.4
0.35
0.3
−50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
LINEARITY ERROR
vs
CLOCK FREQUENCY
600
500
400
300
200
100
2.0
1.8
1.2
1
0.8
0.2
0
0
85
°C
25
°C
−40
°C
Vref = 3.3 V
VCC = 3.3 V
1.6
1.4
0.6
0.4
700
800
Figure 6
Figure 7


同様の部品番号 - TLV0832CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV0832CD TI-TLV0832CD Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0832CD TI1-TLV0832CD Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0832CDG4 TI1-TLV0832CDG4 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0832CDR TI1-TLV0832CDR Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0832CDRG4 TI1-TLV0832CDRG4 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com