データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV0832CDG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 TLV0832CDG4
部品情報   8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0832CDG4 データシート(HTML) 3 Page - Texas Instruments

  TLV0832CDG4 Datasheet HTML 1Page - Texas Instruments TLV0832CDG4 Datasheet HTML 2Page - Texas Instruments TLV0832CDG4 Datasheet HTML 3Page - Texas Instruments TLV0832CDG4 Datasheet HTML 4Page - Texas Instruments TLV0832CDG4 Datasheet HTML 5Page - Texas Instruments TLV0832CDG4 Datasheet HTML 6Page - Texas Instruments TLV0832CDG4 Datasheet HTML 7Page - Texas Instruments TLV0832CDG4 Datasheet HTML 8Page - Texas Instruments TLV0832CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional description
The TLV0831 and TLV0832 use a sample-data-comparator structure that converts differential analog inputs by
a successive-approximation routine. The input voltage to be converted is applied to an input terminal and is
compared to ground (single ended), or to an adjacent input (differential). The TLV0832 input terminals can be
assigned a positive (+) or negative (−) polarity. The TLV0831 contains only one differential input channel with
fixed polarity assignment; therefore it does not require addressing. The signal can be applied differentially,
between IN+ and IN−, to the TLV0831 or can be applied to IN+ with IN− grounded as a single ended input. When
the signal input applied to the assigned positive terminal is less than the signal on the negative terminal, the
converter output is all zeros.
Channel selection and input configuration are under software control using a serial-data link from the controlling
processor. A serial-communication format allows more functions to be included in a converter package with no
increase in size. In addition, it eliminates the transmission of low-level analog signals by locating the converter
at the analog sensor and communicating serially with the controlling processor. This process returns noise-free
digital data to the processor.
A conversion is initiated by setting CS low, which enables all logic circuits. CS must be held low for the complete
conversion process. A clock input is then received from the processor. An interval of one clock period is
automatically inserted to allow the selected multiplexed channel to settle. DO comes out of the high-impedance
state and provides a leading low for one clock period of multiplexer settling time. The SAR comparator compares
successive outputs from the resistive ladder with the incoming analog signal. The comparator output indicates
whether the analog input is greater than or less than the resistive-ladder output. As the conversion proceeds,
conversion data is simultaneously output from DO, with the most significant bit (MSB) first. After eight clock
periods, the conversion is complete. When CS goes high, all internal registers are cleared. At this time, the
output circuits go to the high-impedance state. If another conversion is desired, CS must make a high-to-low
transition followed by address information.
A TLV0832 input configuration is assigned during the multiplexer-addressing sequence. The multiplexer
address shifts into the converter through the data input (DI) line. The multiplexer address selects the analog
inputs to be enabled and determines whether the input is single ended or differential. When the input is
differential, the polarity of the channel input is assigned. In addition to selecting the differential mode, the polarity
may also be selected. Either channel of the channel pair may be designated as the negative or positive input.
On each low-to-high transition of the clock input, the data on DI is clocked into the multiplexer-address shift
register. The first logic high on the input is the start bit. A 2-bit assignment word follows the start bit on the
TLV0832. On each successive low-to-high transition of the clock input, the start bit and assignment word are
shifted through the shift register. When the start bit is shifted into the start location of the multiplexer register,
the input channel is selected and conversion starts. The TLV0832 DI terminal to the multiplexer shift register
is disabled for the duration of the conversion.
The TLV0832 outputs the least-significant-bit (LSB) first data after the MSB-first data stream. The DI and DO
terminals can be tied together and controlled by a bidirectional processor I/O bit received on a single wire. This
is possible because DI is only examined during the multiplexer-addressing interval and DO is still in the
high-impedance state.


同様の部品番号 - TLV0832CDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV0832CDG4 TI1-TLV0832CDG4 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com