データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS-580649-22 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 LS-580649-22
部品情報  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LS-580649-22 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

  LS-580649-22 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-580649-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
87
Machined copper alloy contacts in a full range of sizes, with closed entry socket design in the
size 12 and 16 contacts. A heavy silver-plated finish is deposited on all MS style solder con-
tacts for maximum corrosion resistance, maximum current carrying capacity and low millivolt
drop. Gold plated contacts are also available. (See how to order, pg. 88).
Pin/
Socket
Mating End
Size
Wire Barrel
Size
Allowable
Wire Size
Test Current**
Amps
Pin
Socket
16 Short
16
16
18
20
22
13
10
7.5
5
Pin
Socket
16 Long
16
16
18
20
22
13
10
7.5
5
Pin
Socket
12
12
12
14
23
17
Pin
Socket
88
8
10
46
33
Pin
Socket
44
4
6
80
60
Pin
Socket
00
0
1
2
150
125
100
** Contact ratings as stated are test ratings only. The connector may not withstand full
rated current through all contacts continuously. Please note that the electrical data
given is not an establishment of electrical safety factors. This is left entirely in the
designer’s hands as he can best determine which peak voltage, switching surges,
transients, etc. can be expected in a particular circuit.
Table I
MIL-SPEC CONTACT ARRANGEMENT
SERVICE RATING
MS
Service
Rating
Recommended
Operating Voltage*
at Sea Level
Effective
Creepage
Distance
Nom.
Mechanical
Spacing
Nom.
DC
AC (RMS)
Inst.
250
200
1/16
A
700
500
1/8
1/16
D
1250
900
3/16
1/8
E
1750
1250
1/4
3/16
B
2450
1750
5/16
1/4
C
4200
3000
1
5/16
* The values listed in Table I represent operating values
which include a generous safety factor. It may be nec-
essary for some applications to exceed the operating
voltages listed here. If this is necessary, designers will
find Table II useful for determining the degree to which
the recommended values of Table I can be exceeded.
Table II
ALTITUDE VOLTAGE
DERATING** CHART
† Not corrected for changes in density due to variations in temperature
** No attempt has been made to recommend operating voltages. The designer must determine his own oper-
ating voltage by the application of a safety factor to the above derating chart to compensate for circuit tran-
sients, surges, etc.
MS
Service
Rating
Nominal
Distance
Standard Sea
Level Conditions
Pressure Altitude †
50,000 Feet
Pressure Altitude †
70,000 Feet
Airspace
Creepage
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Inst.
1/32
1/16
1400
1000
550
400
325
260
A
1/16
1/8
2800
2000
800
600
450
360
D
1/8
3/16
3600
2800
900
675
500
400
E
3/16
1/4
4500
3500
1000
750
550
440
B
1/4
5/16
5700
4500
1100
825
600
480
C
5/16
1
8500
7000
1300
975
700
560
GT Connectors
solder contacts
† The 10SL, 14S and 16S connectors
require short contacts.


同様の部品番号 - LS-580649-22

メーカー部品番号データシート部品情報
logo
Panasonic Battery Group
LS-500 PANASONICBATTERY-LS-500 Datasheet
177Kb / 1P
   Digital Laser Sensor
logo
PerkinElmer Optoelectro...
LS-5001 PERKINELMER-LS-5001 Datasheet
49Kb / 6P
   Thyratrons
LS-5002 PERKINELMER-LS-5002 Datasheet
49Kb / 6P
   Thyratrons
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
PerkinElmer Optoelectro...
LS-5101 PERKINELMER-LS-5101 Datasheet
49Kb / 6P
   Thyratrons
More results

同様の説明 - LS-580649-22

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com