データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ4761A データシート(PDF) 1 Page - Micro Commercial Components

部品番号 SMAJ4761A
部品情報  1 Watt Zener Diode Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ4761A データシート(HTML) 1 Page - Micro Commercial Components

  SMAJ4761A Datasheet HTML 1Page - Micro Commercial Components SMAJ4761A Datasheet HTML 2Page - Micro Commercial Components SMAJ4761A Datasheet HTML 3Page - Micro Commercial Components SMAJ4761A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ4728A
THRU
SMAJ4764A
1 Watt
Zener Diode
3.3 to 100 Volts
Features
0.070"
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AC
(SMA)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: E
2013/04/26
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Low Zener Impedance
Low Regulation Factor
VZ – tolerance:
f5%
For Surface Mount Applications
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Maximum Ratings@25℃Unless Otherwise Specified
Parameters
Test Conditions
Symbol
Value
Unit
Power Dissipation
Tamb≤50℃
Pd
1
W
Z-Current
Iz
Pd/Vz
mA
Operating
Junction Temperature
Tj
-65~+150
Storage Temperature
Tstg
-65~+150
K/W
Max. Forward Voltage Drop
IF=100mA
Vf
1.2
V
Thermal Resistence
FR-4 Board, MCC's
100
R
Θja
Suggested Solder Pad
R
ΘjL
75
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


同様の部品番号 - SMAJ4761A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMAJ4761A MCC-SMAJ4761A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4761A MCC-SMAJ4761A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4761AHE3 MCC-SMAJ4761AHE3 Datasheet
535Kb / 4P
   1 Watt Zener Diode 10 to 100 Volts
More results

同様の説明 - SMAJ4761A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
logo
Compensated Deuices Inc...
1N3821A CDI-DIODE-1N3821A Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Frontier Electronics.
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com