データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0844 データシート(PDF) 3 Page - Texas Instruments

部品番号 ADC0844
部品情報  ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0844 データシート(HTML) 3 Page - Texas Instruments

  ADC0844 Datasheet HTML 1Page - Texas Instruments ADC0844 Datasheet HTML 2Page - Texas Instruments ADC0844 Datasheet HTML 3Page - Texas Instruments ADC0844 Datasheet HTML 4Page - Texas Instruments ADC0844 Datasheet HTML 5Page - Texas Instruments ADC0844 Datasheet HTML 6Page - Texas Instruments ADC0844 Datasheet HTML 7Page - Texas Instruments ADC0844 Datasheet HTML 8Page - Texas Instruments ADC0844 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADC0844, ADC0848
www.ti.com
SNAS523D – JUNE 1999 – REVISED MARCH 2013
Operating Conditions
(1) (2)
Supply Voltage (VCC)
4.5 VDC to 6.0 VDC
ADC0844CCN, ADC0848BCN, ADC0848CCN
0°C
≤TA≤70°C
Temperature Range (TMIN≤TA≤TMAX)
ADC0844BCJ(3), ADC0844CCJ(3), ADC0848BCV,
−40°C≤TA≤85°C
ADC0848CCV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the ground pins.
(3)
Product/package combination obsolete; shown for reference only.
Electrical Characteristics
The following specifications apply for VCC = 5 VDC unless otherwise specified. Boldface limits apply from TMIN to TMAX; all
other limits TA = Tj = 25°C.
ADC0844CCN,
ADC0848BCN,
ADC0844BCJ(1)
ADC0848CCN,
ADC0844CCJ(1)
Limit
ADC0848BCV,
Parameter
Conditions
Units
ADC0848CCV
Tested
Design
Tested
Design
Typ(2)
Typ(2)
Limit(3)
Limit(4)
Limit(3)
Limit(4)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Maximum Total
ADC0844BCN,
±½
±½
LSB
ADC0848BCN, BCV
VREF = 5.00 VDC
(5)
Unadjusted
ADC0844CCN,
Error
±1
±1
LSB
ADC0848CCN, CCV
ADC0844CCJ(1)
±1
LSB
Minimum Reference Input Resistance
2.4
1.1
2.4
1.2
1.1
k
Ω
Maximum Reference Input Resistance
2.4
5.9
2.4
5.4
5.9
k
Ω
VCC +
VCC +
VCC +
Maximum Common-Mode Input Voltage
See(6)
V
0.05
0.05
0.05
GND
GND
GND
Minimum Common-Mode Input Voltage
See(6)
V
0.05
0.05
0.05
DC Common-Mode Error
Differential Mode
±1/16
±¼
±1/16
±¼
±¼
LSB
Power Supply Sensitivity
VCC = 5V±5%
±1/16
±
±1/16
±
±
LSB
On Channel = 5V, Off
−1
−0.1
−1
μA
Channel = 0V(7)
Off Channel Leakage Current
On Channel = 0V, Off
1
0.1
1
μA
Channel = 5V
DIGITAL AND DC CHARACTERISTICS
VIN(1), Logical “1” Input Voltage (Min)
VCC = 5.25V
2.0
2.0
2.0
V
VIN(0), Logical “0” Input Voltage (Max)
VCC = 4.75V
0.8
0.8
0.8
V
IIN(1), Logical “1” Input Current (Max)
VIN = 5.0V
0.005
1
0.005
1
μA
IIN(0), Logical “0” Input Current (Max)
VIN = 0V
−0.005
−1
−0.005
−1
μA
(1)
This product/package combination is obsolete. Shown for reference only.
(2)
Typical figures are at 25°C and represent most likely parametric norm.
(3)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(4)
Design limits are specified by not 100% tested. These limits are not used to calculate outgoing quality levels.
(5)
Total unadjusted error includes offset, full-scale, linearity, and multiplexer error.
(6)
For VIN (−) ≥ VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input, which will forward-
conduct for analog input voltages one diode drop below ground or one diode drop greater than VCC supply. Be careful during testing at
low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode to conduct, especially at elevated temperatures, and
cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode. This means that as long as the
analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. To achieve an absolute 0 VDC to 5
VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and
loading.
(7)
Off channel leakage current is measured after the channel selection.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC0844 ADC0848


同様の部品番号 - ADC0844

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844BCJ NSC-ADC0844BCJ Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0844BCN NSC-ADC0844BCN Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0844CCJ NSC-ADC0844CCJ Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
More results

同様の説明 - ADC0844

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com