データシートサーチシステム |
|
SS-5F-1A データシート(PDF) 1 Page - Cooper Bussmann, Inc. |
|
SS-5F-1A データシート(HTML) 1 Page - Cooper Bussmann, Inc. |
1 / 3 page Description • Fast-acting subminiature fuse • Plastic cap and base, flammability UL 94V0 • Lead wire with tin-plated copper, diameter 0.6mm • Protects against harmful overcurrents in primary and secondary applications • Small radial-leaded design minmizes board space and eliminates need for additional mounting components (BK/PCS holder optional if field replacement is desirable) • Designed to UL 248-14 Agency Information • cULus: File E19180, Guide JDYX/JDYX7 • PSE: JET1641-31007-1001, JET1641-31007-1002 Specifications • Solderability: EIA-186-9E Method 9 • High frequency vibration: MIL-STD-202F, Method 201A • Operating temperature: -40°C to +125°C • Soldering heat resistance: 260°C, 10 Sec. max. (IEC 60068-2-20) Ordering • Specify product and packaging code (i.e., SS-5F-1A-AP) Dimensions - mm / [inches] Electrical Characteristics Rated 1 xIn 1.5 xIn 2 xIn Current min max max 800mA-10A 4hr 10 min 2 min Subminiature Fuses SS-5F Series, Fast-Acting 0709 BU-SB07219 2 2 6 2 t e e h S a t a D 3 f o 1 e g a P Packaging – mm Mounting Socket (RoHS compliant) • Available as option. Specify catalog number BK/PCS (In bulk 100 per bag) 0.03" (0.76mm) 0.12"± 0.01" (3.05mm ± 0.25mm) 0.29" (7.37mm) 0.20" (5.08mm) 0.30" (7.62mm) 0.095" (2.41mm) Socket (PCS) Pb HALOGEN HF FREE 0.50 min. 7.85±0.20 0.60 5.08±0.10 8.50±0.20 4.30±0.20 35.00 12.70 9.00 18.00 0.00±0.50 13.00 |
同様の部品番号 - SS-5F-1A |
|
同様の説明 - SS-5F-1A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |