データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5F-2A データシート(PDF) 3 Page - Cooper Bussmann, Inc.

部品番号 SS-5F-2A
部品情報  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SS-5F-2A データシート(HTML) 3 Page - Cooper Bussmann, Inc.

  SS-5F-2A Datasheet HTML 1Page - Cooper Bussmann, Inc. SS-5F-2A Datasheet HTML 2Page - Cooper Bussmann, Inc. SS-5F-2A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Time-Current Curve
Current in Amps
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0709 BU-SB07219
2
2
6
2
t
e
e
h
S
a
t
a
D
3
f
o
3
e
g
a
P
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Packaging Code
Packaging Suffix
Description
-BK
200 fuses in polybag, Lead L = 4.3 ± 0.3
-BK2
200 fuses in polybag, Lead L = 21 ± 3.0
-AP
1000 fuses Ammo Pack, Pitch = 12.7


同様の部品番号 - SS-5F-2A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-5F-2A ETC2-SS-5F-2A Datasheet
3Mb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SS-5F-2A EATON-SS-5F-2A Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-AP EATON-SS-5F-2A-AP Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-BK EATON-SS-5F-2A-BK Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-2A-BK2 EATON-SS-5F-2A-BK2 Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
More results

同様の説明 - SS-5F-2A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com