データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1251-001LF データシート(PDF) 5 Page - Skyworks Solutions Inc.

部品番号 SMV1251-001LF
部品情報  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1251-001LF データシート(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1251-001LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1251-001LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
WWW.SKYWORKSINC.COM
5
Skyworks’ custom FEMs allow for significant size and
cost reduction. In addition, many of Skyworks’ FEMs
are designed to allow for “plug and play” functionality,
thus drastically reducing the design time for new
products. Customized FEMs can be created depending
on transceiver implementation requirements. Various
modules are being targeted at < 170, 410–470, 868–930,
and 2400–2500 MHz frequency bands. Figure 4 shows a
custom FEM block diagram.
Possibilities for Integration Include:
T/R Switches
Power Amplifiers
Low Noise Amplifiers (LNAs)
Mixers
Harmonic Filters
Custom Front-end Modules (FEMs)
LNA
Balun
PA
Figure 4 . Custom Front-end Module (FEM)
Part
P
Out
tx Gain Rx Gain
I
CC tx
Package
Frequency Band (MHz)
Number
Function
(dBm)
(dB)
(dB)
(mA)
(mm)
< 170 410–470 868–930 2400–2500
SKY66100-11
Tx / Rx Front-end Module with Rx / Tx Bypass
20–27
30
-0.5
110–300 MCM 4 x 4
SKY65367-11
High Power Tx / Rx Front-end Module with Rx / Tx Bypass
30
35
-0.5
600
MCM 4 x 4
SKY65342-11
High Power Tx / Rx Front-end Module with Rx Bypass
27–30
34
-0.6
650
MCM 8 x 8
SKY65366-21 High Performance Tx / Rx Front-end Module
30.5
22
22
728
MCM 6 x 6
SKY65378-11
Low Power Front-end Module with Tx Bypass and LNA
14–17
3–7(1) QFN 4 x 4
SKY65346-21 Tx / Rx Front-end Module with LNA
26
35
13.7
200
MCM 5 x 5
SE2435L-R
High Power Tx / Rx Front-end Module with LNA
30
28
16
550
QFN 4 x 4
SE2442L-R
High Power Tx / Rx Front-end Module with Rx Bypass
30
28
-0.7
550
QFN 4 x 4
SKY65313-21
Tx / Rx Front-end Module with LNA
30.5
28
16.6
695
MCM 6 x 6
SKY65364-11
High Power Tx / Rx Front-end Module with LNA, PA,
Tx / Rx Bypass, HD Filter
30.5
30
15
730
MCM 6 x 6
SKY66101-11
High Performance, Highly Integrated Front-end Module
31
25
16
670
MCM 6 x 6
SE2438T-R
Low Power Tx / Rx Front-end Module with LNA
10–14
16
12.3
20–33
QFN 3 x 3
SKY66108
Low Power Tx / Rx Front-end Module with LNA
10–14
16
12.3
20–33
QFN 3 x 3
New products indicated in
blue, bold are continually being introduced at Skyworks. For the latest information, please visit the new products section of our Web site at www.skyworksinc.com.
Custom Front-end Modules, Front-end Modules
Product Specifications
Specification tables for all of our latest Smart Energy products are provided on the following pages.
FrOnT-End MOdulES
Table 1. Front-end Modules
1. SKY65378: I
cc Rx gain value shown.


同様の部品番号 - SMV1251-001LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1251-001LF SKYWORKS-SMV1251-001LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

同様の説明 - SMV1251-001LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com