データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL13S データシート(PDF) 4 Page - ams AG

部品番号 TSL13S
部品情報  LIGHT-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TSL13S データシート(HTML) 4 Page - ams AG

  TSL13S Datasheet HTML 1Page - ams AG TSL13S Datasheet HTML 2Page - ams AG TSL13S Datasheet HTML 3Page - ams AG TSL13S Datasheet HTML 4Page - ams AG TSL13S Datasheet HTML 5Page - ams AG TSL13S Datasheet HTML 6Page - ams AG TSL13S Datasheet HTML 7Page - ams AG TSL13S Datasheet HTML 8Page - ams AG TSL13S Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, 5)
PARAMETER
TEST CONDITIONS
TSL12S
TSL13S
TSL14S
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNIT
VOM
Maximum output voltage
4.6
4.9
4.6
4.9
4.6
4.9
V
Ee = 8 μW/cm2
1.5
2
2.5
Ee = 31 μW/cm2
1.5
2
2.5
V
Output voltage
Ee = 120 μW/cm2
1.5
2
2.5
V
VO
Output voltage
Ee = 16 μW/cm2
4
V
Ee = 62 μW/cm2
4
Ee = 240 μW/cm2
4
Re
Irradiance responsivity
Note 6
248
64
16
mV/
(μW/
cm2)
VOS
Extrapolated offset
voltage
Note 6
−0.02
0.03
0.08 −0.02
0.03
0.08 −0.02
0.03
0.08
V
Vd
Dark voltage
Ee = 0
0
0.08
0
0.08
0
0.08
V
Ee = 8 μW/cm2
1.1
1.7
ID
Supply current
Ee = 31 μW/cm2
1.1
1.7
mA
ID
Supply current
Ee = 120 μW/cm2
1.1
1.7
mA
NOTES: 3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The 640 nm input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 640 nm.
6. Irradiance responsivity is characterized over the range VO = 0.2 to 4 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range may have a positive or negative extrapolated VO value for Ee = 0. For low irradiance values, the output
voltage VO versus irradiance Ee characteristic is non linear with a deviation toward VO = 0, Ee = 0 origin from the best-fit straight
line referenced above.
Dynamic Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
(see Figure 1)
PARAMETER
TEST CONDITIONS
TSL12S
TSL13S
TSL14S
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNIT
t
Output pulse delay
time for rising edge
Min VO = 0 V; Peak VO = 2 V
13
1.7
0.9
s
tdr
time for rising edge
(0% to 10%)
Min VO = 0.5 V; Peak VO = 2 V
2.3
1.2
0.6
μs
t
Output pulse rise time Min VO = 0 V; Peak VO = 2 V
20
7.2
2.6
s
tr
Output pulse rise time
(10% to 90%)
Min VO = 0.5 V; Peak VO = 2 V
10
6.5
2.9
μs
t
Output pulse delay
time for falling edge
Min VO = 0 V; Peak VO = 2 V
2.3
1.2
0.8
s
tdf
time for falling edge
(100% to 90%)
Min VO = 0.5 V; Peak VO = 2 V
2.2
1.1
0.7
μs
t
Output pulse fall time
Min VO = 0 V; Peak VO = 2 V
10
6.8
2.9
s
tf
Output pulse fall time
(90% to 10%)
Min VO = 0.5 V; Peak VO = 2 V
9
6.4
2.8
μs


同様の部品番号 - TSL13S

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL13S TAOS-TSL13S Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL13S AMSCO-TSL13S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL13S-LF TAOS-TSL13S-LF Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13SM-LF TAOS-TSL13SM-LF Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
More results

同様の説明 - TSL13S

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
logo
TEXAS ADVANCED OPTOELEC...
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
   HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com