データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD5N50CTM データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FQD5N50CTM
部品情報  TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FQD5N50CTM データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FQD5N50CTM Datasheet HTML 1Page - List of Unclassifed Manufacturers FQD5N50CTM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Packing Description:
TO252-3L parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a
multilayer film (Heat Activated Adhesive in
nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed
agent. These reeled parts in standard option are
shipped with 2500(TM) / 2000(TF) units per 13
or 330cm diameter reel. The reels are dark blue
or black in color and is made of polystyrene
plastic (anti-static coated). This and some other
options are further described in the Packing
Information table.
These full reels are individually barcode labeled
and placed inside a standard intermediate box
(illustrated in figure 1.0) made of recyclable
corrugated brown paper. One box contains
three reels maximum. And these boxes are
placed inside a barcode labeled shipping box
which comes in different sizes depending on the
number of parts shipped.
TO252-3L,JEDEC OPTION AA Tape Leader and Trailer
Configuration: Figure 2.0
TO252-3L, JEDEC OPTION AA, PACKING
CONFIGURATION: Figure 1.0
NOTES:
A. ALL DIMENSION ARE IN MILLIMETERS UNLESS
OTHERWISE SPECIFIED
B. DRAWING FILE NAME: PKG-TO252A03REV2
C. PLASTIC REEL W1 DIMENSION CONTROL LIMITS:
8MM REEL = +/-1.0MM AND 12MM REEL AND ABOVE = +/- 1.5MM
Outer Box Barcode Label Sample
Components
Cover Tape
Carrier Tape
Leader Tape
1000mm minimum or
125 empty pockets
Trailer Tape
320mm minimum or
40 empty pockets
Inner box
TNR Label
BOXTNR Label
Out box
BBX Label
TO252-3L Unit Orientation
TF
TM
TO252-3L Packing Information
Packing Option
Standard
( TF)
Standard
( TM )
Single Reel
Double Reel
Single Reel
Double Reel
Packing type
TNR
TNR
TNR
TNR
Qty per Reel/Tube/Bag
2,000
2,000
2,500
2,500
Reel Size
13” Dia
13” Dia
13” Dia
13” Dia
Inner Box Dimension (mm)
333x333x25
343x350x68
333x333x25
343x350x68
Max qty per Box
2,000
4,000
2,500
5,000
Outer Box Dimension (mm)
360x360x300
360x360x300
360x360x300
360x360x300
Max qty per Box
24,000
24,000
30,000
30,000
2ND Level Interconnect
1. Category e3
2. Maximum safe temperature 200 deg C
3. MSL 1
FAIRCHILD SEMICONDUCTOR (BOXTNR) 6.1
LOT:
FSID:
D/C1:
QTY1:
SPEC REV:
D/C2:
QTY2:
QTY:
SPEC:
RoHS
COMPLIANT
Pb-Free
Reel Barcode Label Sample
2ND Level Interconnect
1. Category e3
2. Maximum safe temperature 200 deg C
3. MSL 1
FAIRCHILD SEMICONDUCTOR (BOXTNR) 6.1
LOT:
FSID:
D/C1:
QTY1:
SPEC REV:
D/C2:
QTY2:
QTY:
SPEC:
RoHS
COMPLIANT
Pb-Free
Inner Box Barcode Label Sample
PART ID:
FAIRCHILD SEMICONDUCTOR CORPORATION
LOT:
D/C:
QTY:
2013/02/01
08:33:54
BG
FS00130
(BBX) 1.2
SM13B11526
LABEL
Static Dissipative
Embossed Carrier
Tape
Antistatic Cover Tape
Protective Band


同様の部品番号 - FQD5N50CTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD5N50C FAIRCHILD-FQD5N50C Datasheet
628Kb / 9P
   500V N-Channel MOSFET
FQD5N50C FAIRCHILD-FQD5N50C Datasheet
669Kb / 9P
   500V N-Channel MOSFET
FQD5N50C FAIRCHILD-FQD5N50C_08 Datasheet
669Kb / 9P
   500V N-Channel MOSFET
More results

同様の説明 - FQD5N50CTM

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
Fairchild Semiconductor
FQU3N40TU FAIRCHILD-FQU3N40TU Datasheet
367Kb / 1P
   I-PAK Tube Packing Configuration
FQD19N10TF FAIRCHILD-FQD19N10TF Datasheet
406Kb / 2P
   D-PAK Tape and Reel Data D-PAK Packaging Configuration: Figure 1.0
FQB44N10TM FAIRCHILD-FQB44N10TM Datasheet
329Kb / 2P
   D2-PAK Tape and Reel Data D2-PAK Packaging Configuration: Figure 1.0
logo
Diodes Incorporated
2DB1184Q DIODES-2DB1184Q_11 Datasheet
157Kb / 6P
   50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com