データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS449A-T3 データシート(PDF) 5 Page - Honeywell Accelerometers

部品番号 SS449A-T3
部品情報  Temperature Compensated Digital Hall-Effect Sensor ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL-ACC [Honeywell Accelerometers]
ホームページ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS449A-T3 データシート(HTML) 5 Page - Honeywell Accelerometers

  SS449A-T3 Datasheet HTML 1Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 2Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 3Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 4Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 5Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 6Page - Honeywell Accelerometers SS449A-T3 Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Honeywell Sensing and Control
5
Figure 3. SS400 Series Mounting Dimensions (For reference only. mm/[in].) Also see Order Guide on page 7.
Straight Leads, 14,99 mm [0.59 in]) Long
SS411A, SS413A, SS441A, SS443A, SS449A, SS461A,
SS466A
Straight Leads, 18,67 mm [0.735 in] Long
SS411A-L, SS413A-L, SS441A-L, SS443A-L, SS449A-L,
SS461A-L, SS466A-L
XXX
+
0
4,1
[0.16]
1,6
[0.06]
1,7
[0.07]
0,64
[0.025]
0,38
[0.015]
14,99
[0.59]
3,0
[0.12]
0,3
[0.015]
0,76
[0.03]
1,3
[0.05]
2,5
[0.10]
HALL
ELEMENT
CENTER
N S
2,5
[0.10]
XXX
+
0
4,1
[0.16]
1,7
[0.07]
0,64
[0.025]
18,669
[0.735]
3,0
[0.12]
HALL
ELEMENT
CENTER
1,3
[0.05]
1,6
[0.06]
N S
0,38
[0.015]
0,3
[0.015]
0,76
[0.03]
Straight Leads, 14,99 mm [0.59 in]) long, on Tape
SS411A-T3, SS413A-T3, SS441A-T3, SS443A-T3, SS449A-T3,
SS461A-T3, SS466A-T3
12,7
[0.50]
Ø 3,99
[0.16]
1,3
[0.05]
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
22,3
[0.88]
ADHESIVE TAPE
6,3
[0.25]
Formed Leads, 14,99 mm [0.59 in]) Long, on Tape
SS411A-T2, SS413A-T2, SS441A-T2, SS443A-T2, SS449A-
T2, SS461A-T2, SS466A-T2
XXX
+
0
4,1
[0.16]
1,6
[0.06]
1,7
[0.07]
0,64
[0.025]
14,99
[0.59]
3,0
[0.12]
2,54
[0.10]
2,5
[0.10]
HALL
ELEMENT
CENTER
N S
0,3
[0.015]
0,76
[0.03]
0,38
[0.015]
ADHESIVE TAPE
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
6,3
[0.25]
12,7
[0.50]
2,5
[0.10]
Ø 3,99
[0.16]
22,3
[0.88]


同様の部品番号 - SS449A-T3

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SS449A-T3 HONEYWELL-SS449A-T3 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

同様の説明 - SS449A-T3

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
   Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
   High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com