データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA555DTF データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KA555DTF
部品情報  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555DTF データシート(HTML) 3 Page - Fairchild Semiconductor

  KA555DTF Datasheet HTML 1Page - Fairchild Semiconductor KA555DTF Datasheet HTML 2Page - Fairchild Semiconductor KA555DTF Datasheet HTML 3Page - Fairchild Semiconductor KA555DTF Datasheet HTML 4Page - Fairchild Semiconductor KA555DTF Datasheet HTML 5Page - Fairchild Semiconductor KA555DTF Datasheet HTML 6Page - Fairchild Semiconductor KA555DTF Datasheet HTML 7Page - Fairchild Semiconductor KA555DTF Datasheet HTML 8Page - Fairchild Semiconductor KA555DTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA555
KA555
KA555
KA555
3
3
3
3
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
(TA = 25
°C, VCC = 5 ~ 15V, unless otherwise specified)
Notes:
Notes:
Notes:
Notes:
1. When the output is high, the supply current is typically 1mA less than at VCC = 5V.
2. Tested at VCC = 5.0V and VCC = 15V.
3. This will determine the maximum value of RA + RB for 15V operation, the max. total R = 20M
Ω, and for 5V operation, the max.
total R = 6.7M
Ω.
4. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Supply Voltage
VCC
-4.5
-
16
V
Supply Current (Low Stable)
(Note1)
ICC
VCC = 5V, RL =
-3
6
mA
VCC = 15V, RL =
-7.5
15
mA
Timing Error (MonoStable)
Initial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
∆t/∆T
∆t/∆VCC
RA = 1k
Ω to100kΩ
C = 0.1
µF
-1.0
50
0.1
3.0
0.5
%
ppm/
°C
%/V
Timing Error (Astable)
Initial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
∆t/∆T
∆t/∆VCC
RA = 1k
Ω to 100kΩ
C = 0.1
µF
-
2.25
150
0.3
-%
ppm/
°C
%/V
Control Voltage
VCC
VCC = 15V
9.0
10.0
11.0
V
VCC = 5V
2.6
3.33
4.0
V
Threshold Voltage
VTH
VCC = 15 V
-
10.0
-
V
VCC = 5V
-
3.33
-
V
Threshold Current (Note3)
ITH
-----
0.1
0.25
µA
Trigger Voltage
VTR
VCC = 5V
1.1
1.67
2.2
V
VCC = 15V
4.5
5
5.6
V
Trigger Current
ITR
VTR = 0V
0.01
2.0
µA
Reset Voltage
VRST
----0.4
0.7
1.0
V
Reset Current
IRST
----0.1
0.4
mA
Low Output Voltage
VOL
VCC = 15V
ISINK = 10mA
ISINK = 50mA
-0.06
0.3
0.25
0.75
V
V
VCC = 5V
ISINK = 5mA
-
0.05
0.35
V
High Output Voltage
VOH
VCC = 15V
ISOURCE = 200mA
ISOURCE = 100mA
12.75
12.5
13.3
-V
V
VCC = 5V
ISOURCE = 100mA
2.75
3.3
-
V
Rise Time of Output (Note4)
tR
----
-
100
-
ns
Fall Time of Output (Note4)
tF
----
-
100
-
ns
Discharge Leakage Current
ILKG
----
-
20
100
nA


同様の部品番号 - KA555DTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

同様の説明 - KA555DTF

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com