データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J0010D11 データシート(PDF) 4 Page - Pulse A Technitrol Company

部品番号 J0010D11
部品情報  COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0010D11 データシート(HTML) 4 Page - Pulse A Technitrol Company

  J0010D11 Datasheet HTML 1Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 2Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 3Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 4Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 5Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 6Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 7Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 8Page - Pulse A Technitrol Company J0010D11 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
.018
TYP
0,46
23Z87SM
Date Code
Country of Origin
Fil-Mag
.230
5,84
.100
2,54
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.100
2,54
.050
1,27
.260
6,60
.400
10,16
.080
2,03
.030
0,76
SUGGESTED PAD LAYOUT
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight . . . . . . . . . . 0.5 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
23Z87SM
Weight . . . . . . . . . . 0.3 grams
Tape & Reel . . . . . . 1500/reel
Tube . . . . . . . . . . . . . . 55/tube
.300
7,62
.120
3,05
.640
16,30
.400
10,20
.100 TYP
2,54
.050 TYP
1,27
.010 / .020
0,25 / 0,51
.340 MAX
8,64
.475 MAX
12,1
.085
2,16
.100
2,54
.004/0,100
8 Surfaces
.040 / .050
1,01 / 1,27
85
14
.600 MAX
15,30
.475 MAX
12,10
.400
10,20
.030
0,76
PE-6XXXX
DATA CODE
COUNTRY OF ORIGIN
Weight . . . . . . . . . . . . . . 2.0 grams
Tape & Reel . . . . . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . . . . .40/tube
3
6
4
5
1
8
2
7
PE-65857
14
23
PE-65855
3
6
4
5
1
8
2
7
PE-67540
PE-65857, PE-67540
PE-68627
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.345
8,76
MAX
.285
7,24
.100
2,54
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
MAX
.355
9,02
.207
5,26
MAX
.004/0,100
8 Surfaces
PE-68627
3
6
4
5
1
8
2
7
PE-68627
1 23
65 4
23Z87SM
Weight . . . . . . . . . 0.69 grams
Tape & Reel . . . . . . . 800/reel
Tube . . . . . . . . . . . . . 40 /tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PE-65855
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
4
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


同様の部品番号 - J0010D11

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J0010D11 PULSE-J0010D11 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
J0010D11 PULSE-J0010D11 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
J0010D11 PULSE-J0010D11 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
More results

同様の説明 - J0010D11

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
PCA ELECTRONICS INC.
EPZ3063G PCA-EPZ3063G Datasheet
16Kb / 1P
   Common Mode Choke for LAN and Telecom Applications
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
Bel Fuse Inc.
S555-5999-41 BEL-S555-5999-41 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
logo
PCA ELECTRONICS INC.
EPZ3022G PCA-EPZ3022G Datasheet
36Kb / 1P
   Common Mode Choke for Telecom Applications
logo
Pulse A Technitrol Comp...
R0003NL PULSE-R0003NL Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-69011NL PULSE-PE-69011NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG
PE-68624T PULSE-PE-68624T Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
logo
PCA ELECTRONICS INC.
EPA3284G PCA-EPA3284G Datasheet
30Kb / 1P
   Common Mode Choke for Telecom Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com