データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC62D723FNAG データシート(PDF) 1 Page - Marktech Corporate

部品番号 TC62D723FNAG
部品情報  16-Output constant current LED driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D723FNAG データシート(HTML) 1 Page - Marktech Corporate

  TC62D723FNAG Datasheet HTML 1Page - Marktech Corporate TC62D723FNAG Datasheet HTML 2Page - Marktech Corporate TC62D723FNAG Datasheet HTML 3Page - Marktech Corporate TC62D723FNAG Datasheet HTML 4Page - Marktech Corporate TC62D723FNAG Datasheet HTML 5Page - Marktech Corporate TC62D723FNAG Datasheet HTML 6Page - Marktech Corporate TC62D723FNAG Datasheet HTML 7Page - Marktech Corporate TC62D723FNAG Datasheet HTML 8Page - Marktech Corporate TC62D723FNAG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TC62D723FNAG
2012-01-30
1
TOSHIBA CDMOS Integrated Circuit Silicone Monolithic
TC62D723FNAG
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
1.Feature
The TC62D723FNAG is LED drivers which have the sink-type
constant current output.
The output gain control function of 8-bit and the PWM grayscale
function of 16, 14, 12, and 10-bit are built into this IC.
Output current value of 16 channels is set by one external
resistance.
In addition, the thermal shutdown function, the output open
detection function, and the output short detection function are built
in.
This IC is most suitable for lighting the LED module and the display.
2.Characteristics
• Supply voltage
: VDD = 3.0 to 5.5 V
• 16-output built-in
• Output current setup range
: IOUT = 1.5 to 90 mA
• Constant current output accuracy
(@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank;Between outputs
± 1.5 % (max)
: S rank;Between devices:
± 1.5 % (max)
: N rank;Between outputs
± 2.5 % (max)
: N rank;Between devices:
± 2.5 % (max)
• Output voltage
: VOUT = 17 V (MAX)
• I/O interface
: CMOS interfaces (Input of a schmitt trigger)
• Data transfer frequency
: fSCK = 30 MHz (MAX)
• PWM frequency
: fPWM = 33 MHz (MAX)
• Operation temperature range
: Topr = −40 to 85 °C
• 8-bit (256 steps) output gain control function built-in.
• PWM grayscale function built-in. (PWM resolution is selectable)
16-bit (65536 steps), 14-bit (16384 steps)
12-bit (4096 steps), 10-bit (1024 steps)
Selection of teh one-shot output PWM mode or the repeat PWM output mode is possible.
• Thermal shutdown function (TSD) built-in.
• Output error detection function built-in.
This function has the automatic operation and the command
input manual operation.
Output open detection function (OOD) and output short
detection function (OSD) built-in.
• Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
• Stand-by function built-in. (IDD=1μA at standby mode)
• Output delay function built-in. (Output switching noise is reduced)
• Package
: P-SSOP24-0409-0.64-001
For detailed part naming conventions, contact your local Toshiba sales representative or distributor.
TC62D723FNAG
P-SSOP24-0409-0.64-001
Weight
P-SSOP24-0409-0.64-001:0.14g(Typ.)


同様の部品番号 - TC62D723FNAG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC62D723FNAG TOSHIBA-TC62D723FNAG Datasheet
787Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
More results

同様の説明 - TC62D723FNAG

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com