データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC104S101CIMMX データシート(PDF) 10 Page - Texas Instruments

部品番号 ADC104S101CIMMX
部品情報  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC104S101CIMMX データシート(HTML) 10 Page - Texas Instruments

Back Button ADC104S101CIMMX Datasheet HTML 6Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 7Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 8Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 9Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 10Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 11Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 12Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 13Page - Texas Instruments ADC104S101CIMMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADC104S101
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
TA = +25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated.
DNL - VA = 3.0V
INL - VA = 3.0V
Figure 6.
Figure 7.
DNL - VA = 5.0V
INL - VA = 5.0V
Figure 8.
Figure 9.
DNL vs. Supply
INL vs. Supply
Figure 10.
Figure 11.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC104S101


同様の部品番号 - ADC104S101CIMMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC104S101CIMMX/NOPB TI-ADC104S101CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

同様の説明 - ADC104S101CIMMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com