データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBAT320-HF データシート(PDF) 2 Page - Comchip Technology

部品番号 CDBAT320-HF
部品情報  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAT320-HF データシート(HTML) 2 Page - Comchip Technology

  CDBAT320-HF Datasheet HTML 1Page - Comchip Technology CDBAT320-HF Datasheet HTML 2Page - Comchip Technology CDBAT320-HF Datasheet HTML 3Page - Comchip Technology CDBAT320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBAT320-HF Thru. CDBAT3100-HF)
Page 2
QW-JB043
Fig.1- Typical Forward Current Derating Curve
0
Case Temperature, (°C)
0
75
175
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous forward voltage, (V)
50
100
125
3.0
Fig.4- Typical Reverse Characteristics
0.001
Percent of Rated Peak Reverse Voltage, (%)
0.1
1.0
25
150
1.0
Fig.5- Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
500
0.1
100
REV:B
Resistive or inductive load
P.C.B Mounted on 0.2*0.2”(5.0*5.0mm)
0.01
0
100
20
40
60
80
1
100
10
Comchip Technology CO., LTD.
0
0.8
1.2
0.2
0.4
0.6
0.001
0.01
10
1.10
Copper pad areas
2.0
1.0
SMD Schottky Barrier Rectifiers
8.3ms Single Half Sine-Wave
0
10
20
30
50
60
70
40
80
1
10
100
Ta=25°C
CDBAT320-HF Thru 340-HF
CDBAT360-HF
CDBAT3100-HF
1.00
o
TJ=100 C
o
TJ=25 C
O
TJ=25 C
f=1MHz
Vsig=50mVP-P
Company reserves the right to improve product design , functions and reliability without notice.


同様の部品番号 - CDBAT320-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBAT320-HF COMCHIP-CDBAT320-HF Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

同様の説明 - CDBAT320-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com