データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D050512XNM データシート(PDF) 2 Page - Microdc power Technology Co., Ltd

部品番号 D050512XNM
部品情報  1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRODC [Microdc power Technology Co., Ltd]
ホームページ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D050512XNM データシート(HTML) 2 Page - Microdc power Technology Co., Ltd

  D050512XNM Datasheet HTML 1Page - Microdc power Technology Co., Ltd D050512XNM Datasheet HTML 2Page - Microdc power Technology Co., Ltd D050512XNM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D-X
D-XN
NM
M
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage (Vin/Vout)
Tested for 1 minute and 1mA max
1000
VDC
Isolation voltage (Vo1/Vo2)
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance (Vin/Vout)
Test at 500VDC
1000
MΩ
Isolation resistance (Vo1/Vo2)
Test at 500VDC
1000
MΩ
Isolation capacitance(Vin/Vout)
30
pF
Isolation capacitance(Vo1/Vo2)
30
pF
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load
could not be less than 10% of the full load. If the actual output power is very small, please connect a
resistor with proper resistance at the output end in parallel to increase the load , or use our company
products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output ripple , an "LC" filtering network may be connected to
the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the "LC" filtering network should be
staggered with the DC/DC frequency to avoid mutual interference. However , the capacitance of the output
filter capacitor must be proper. If the capacitance is too big,a startup problem might arise. For every channel
of output , provided the safe and reliable operation is ensured , the recommended capacitance of its filter
capacitor sees (Table 1).
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against
overload.The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit
breaker to the circuit.
No parallel connection or plug and play
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
It's not recommended to connect any external capacitor in the
application field with less than 0.5 watt output.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±
1.5
%
Load regulation
10% to 100% load (3.3V output)
15
20
%
Load regulation
10% to 100% load(5V output)
12.8
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±
0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
75
100
mVp-p
Switching frequency
Full load, nominal input
130
KHz
*Test ripple and noise by "Parallel cable"method. See detailed operation
instructions at Testing of Power
Converter section, application notes.


同様の部品番号 - D050512XNM

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D050512XND MICRODC-D050512XND Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D050512XNS MICRODC-D050512XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
More results

同様の説明 - D050512XNM

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com