データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC1-DZ200050RJ データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BC1-DZ200050RJ
部品情報  Rheostat Variable Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

BC1-DZ200050RJ データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BC1-DZ200050RJ Datasheet HTML 1Page - List of Unclassifed Manufacturers BC1-DZ200050RJ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.co.kr Email : sg@raraohm.com
Rheostat Variable Power Resistors
USE :
Widely used in blenders, mixers, fans, power tools, educational modeling,
load simulations, industrial machinery RPM adjustment, voltage and current
adjustment, instruments, and automated control installations, etc.
■ GENERAL SPECIFICATIONS
Model
Power Rating[W]
Resistance Range [Ω]
Resistance Tolerance[%]
BC1 series
25-3000
1-10K
± 5, ± 10
BC1-N series
BC1-DZ series
■ CHARACTERISTICS
Insulation Resistance
100 MΩ minimum
JIS-C-5261 6-1
500V DC
Dielectric Withstanding Voltage
JIS-C-5261 7-1
1000V DC 60s Between terminal and axis
Vibration
∆R≤± (2%+0.1Ω)
JIS-C-5261 6-6
1.5m/m 10-50-10 Hz/min 2H each
Flammability
UL94V-0
100%-600% rated power load
Load Life
∆R≤±(5%+0.1Ω)
JIS-C-5261 7-7
■ DIMENSIONS
Model: BC1
25W-500W single resistor power rating
Model: BC1-N
25W-500W single resistor power rating(with knob)
Model: BC1-DZ
25W-500W single resistor(with multi-resistance value)
Power
Rating
Dimensions(mm)
Resistance
[Ω]
H± 3
L1± 5
L2± 3
B± 3
D± 0.5
d± 0.3
25W
44
60
25
50
6
2
1~3K
50W
64
64
25
70
6
2
1~5K
100W
81
64
35
92
6
4
1~5K
150W
104
70
30
120
6
4
1~5K
300W
155
115
55
170
10
4
1~5K
500W
205
120
60
215
10
4
1~5K


同様の部品番号 - BC1-DZ200050RJ

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
BC1-2 COOPER-BC1-2 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

同様の説明 - BC1-DZ200050RJ

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
FVR25W2.5KRK TOKEN-FVR25W2.5KRK Datasheet
356Kb / 3P
   FVR Rheostat Variable Power Resistors
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Intersil Corporation
ISL90842 INTERSIL-ISL90842_06 Datasheet
673Kb / 10P
   Quad Digitally Controlled Variable Resistors
logo
Dallas Semiconductor
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Vishay Siliconix
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com