データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV04L14T-240 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 MV04L14T-240
部品情報  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MV04L14T-240 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  MV04L14T-240 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV04L14T-240 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
1/9
TA-I TECHNOLOGY CO., LTD
1. Features
1.1 No polarity due to symmetrical current-voltage characteristics
1.2 Excellent electro static absorption capability
1.3 Variable capacitance
1.4 Working Voltage from 5.5 to 35 VRMS5.5 to 45 Vdc
1.5 Suitable for ESD Protection
1.6 Structure:
2. Applications
2.1 USB 3.0 Power and Data lines I/O Port protection
2.2 Notebook and PC Computers
2.3 Monitors and Flat Panel Displays
2.4 IEEE 1394 Firewire Ports
2.5 Video Graphics Cards
2.6 SIM ports Mobile phone
2.7 Digital Camera
2.9 MP3/MP4 player
2.10 LCD Module
2.11 HUB/ Telecom/ Wireless LAN
2.12 Keyboard


同様の部品番号 - MV04L14T-240

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV04E050T050- ETC-MV04E050T050- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04E050T100- ETC-MV04E050T100- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04E050T101- ETC-MV04E050T101- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04E050T220- ETC-MV04E050T220- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
More results

同様の説明 - MV04L14T-240

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com