データシートサーチシステム |
|
MV18L14T-240 データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
MV18L14T-240 データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 9 page Multilayer Chip Varistor for Surge and ESD Protection – L Type Series Document No TMVL-XXOS001D Issued date 2014/04/18 Page 4/9 TA-I TECHNOLOGY CO., LTD 6. Reliability Test Environmental Specification Test Method and Description High Temperature Storage/ Dry Heat The specimen shall be subjected to 125 ± 2℃ for 1000 ± 12 hours in a thermostatic bath without load and then stored at room temperature and normal humidity for 1 to 2 hours. The change of varistor voltage shall be within 10 ﹪. Temperature Cycle The temperature cycle of specified temperature shall be repeated five times and then stored at room temperature and normal humidity for one or two hours. The change of varistor voltage shall be within 10﹪ and mechanical damage shall be examined. Step Temperature Period 1 -40±3 30Min±3 2 Room Temperature 1 hour 3 125±3 30Min±3 4 Room Temperature 1 hours High Temperature Load After being continuously applied the maximum allowable voltage at 85 ± 2℃ for 1000± 2 hours, the specimen shall be stored at room temperature and normal humidity for one or two hours, the change of varistor voltage shall be within 10﹪. Damp Heat Load The specimen should be subjected to 40 ± 2℃, 90 to 95 ﹪RH environment, and the maximum allowable voltage applied for 1000 hours, then stored at room temperature and normal humidity for one or two hours. The change of varistor voltage shall be within 10﹪ Humidity Load Low Temperature Storage/ Cold The specimen should be subjected to -40 ± 2℃, without load for 500 hours and then stored at room temperature for one or two hours. The change of varistor voltage shall be within 10 ﹪ |
同様の部品番号 - MV18L14T-240 |
|
同様の説明 - MV18L14T-240 |