データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV18L14T-240 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 MV18L14T-240
部品情報  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MV18L14T-240 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

  MV18L14T-240 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV18L14T-240 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
8/9
TA-I TECHNOLOGY CO., LTD
8.7.1 Recommended Soldering Condition 1
(1)
Solder:
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core. Rosin-based and
non-activated flux is recommended.
(2)
Preheating:
The Varistors shall be preheated so that Temperature Gradient between the devices and the
tip of soldering iron is 150℃ or below.
(3)
Soldering Iron:
Rated Power of 20W max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be
melted in advance on the soldering tip.)
(4)
Cooling:
After soldering. The Varistors shall be cooled gradually at room ambient temperature.
8.7.2 Recommended Soldering Condition 2(Without preheating)
(1)
Solder iron tip shall not directly touch to ceramic dielectrics.
(2)
Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external
electrode of Varistors.
8.8 Post Soldering Cleaning
8.8.1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly
have influences on the electrical characteristic and the reliability (such as humidity resistance) of the
Varistors which have been mounted on the board. It shall be confirmed that the characteristic and the
reliability of the devices are not affected by the applied cleaning conditions
8.8.2 When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards.
Following conditions are recommended for preventing failures or damages of the devices due to the
large vibration energy and the resonance caused by the ultrasonic waves.
(1)
Frequency 29MHz max
(2)
Radiated Power 20w/lithr max
(3)
Period 5minuets max
9. Operating and Storage condition of products
9.1 Operating Temperature:-50~85℃
9.2 Storage Conditions:
(1) Storage Temperature: -10℃~+40℃
(2) Relative humidity: ≦75%RH
(3) Varistor must be kept away from sunlight and stored in a non-corrosive atmosphere.
9.3 Period of Storage: 1 year


同様の部品番号 - MV18L14T-240

メーカー部品番号データシート部品情報
logo
Advanced Semiconductor
MV1807J1 ASI-MV1807J1 Datasheet
27Kb / 1P
   SILICON VARACTOR DIODE
logo
Zarlink Semiconductor I...
MV1815 ZARLINK-MV1815 Datasheet
1Mb / 13P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
logo
List of Unclassifed Man...
MV1815 ETC-MV1815 Datasheet
1Mb / 13P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
MV1817 ETC-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
logo
Zarlink Semiconductor I...
MV1817 ZARLINK-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECORDER FOR 625 LINE OPERATION
More results

同様の説明 - MV18L14T-240

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com