データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7810 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 L7810
部品情報  Calibrated Xenon Light Source
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7810 データシート(HTML) 1 Page - Hamamatsu Corporation

  L7810 Datasheet HTML 1Page - Hamamatsu Corporation L7810 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEW Calibrated Xenon Light Source
L7810
FEATURES
sHigh Stability
qLight Intensity Drift (Typ.)
qComparison of Spectral Irradiance (Reference data)
: 50 cm away from light source
Stability is one of the important characteristics of calibrated
light sources. Hamamatsu’s excellent cathode technology
and optimized lamp housing realize high stability and good
repeatability.
sHigh Power
A Xenon lamp emits high intense UV, visible and IR light so
that a reliable measurement can be possible even in the
range of 300 nm to 400 nm, where either a deuterium lamp or
a tungsten lamp doesn’t deliver enough light.
is a logo mark for an accreditation
system based on Japanese Meas-
urement Law. Our Planning & Engi-
neering Division is accredited in
accordance with ISO/IEC Guide 25:
1990 in the field of photometry cali-
bration.
(Our accreditation number is 0081.)
[JCSS: Japan Calibration Service
System (The Japanese Goverment
accreditation scheme for calibration
laboratories and a signatory of
APLAC Mutual Recognition Arrange-
ment)]
vLEFT: LAMP HOUSING, RIGHT: POWER SUPPLY
OPERATING TIME (h)
10
20
0
50
40
30
20
10
80
70
60
110
100
90
30
40
50
60
70
80
90
100
110
CONVENTIONAL HALOGEN LAMP
CONVENTIONAL DEUTERIUM LAMP
CALIBRATED XENON LIGHT SOURCE
200
250
300
350
400
450
500
550
600
650
700
750
800
0.001
0.01
0.1
1
10
100
WAVELENGTH (nm)
TLSOB0065EA
TLSOB0063EA


同様の部品番号 - L7810

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L7810 HAMAMATSU-L7810 Datasheet
517Kb / 4P
   Light level control of light source Sensitivity control of optical sensor
L7810-02 HAMAMATSU-L7810-02 Datasheet
517Kb / 4P
   Light level control of light source Sensitivity control of optical sensor
logo
STMicroelectronics
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 52P
   Positive voltage regulators
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7810CD2T STMICROELECTRONICS-L7810CD2T Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - L7810

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
logo
Micronetics, Inc.
NS346A MICRONETICS-NS346A Datasheet
431Kb / 3P
   CALIBRATED NOISE SOURCE SERIES
logo
IET Labs Inc.
1539 IET-1539 Datasheet
124Kb / 2P
   Stroboslave Light Source
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EYW4 LUMILEDS-LXCL-EYW4 Datasheet
1Mb / 18P
   Power Light Source
LXCL-LW07 LUMILEDS-LXCL-LW07 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EY17 LUMILEDS-LXCL-EY17 Datasheet
1Mb / 17P
   Power Light Source
logo
Panasonic Semiconductor
LN322114ALUN PANASONIC-LN322114ALUN Datasheet
19Kb / 1P
   LED LINE LIGHT SOURCE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com