データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD13N06 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FQD13N06
部品情報  N-Channel QFET MOSFET 60 V, 10 A, 140 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N06 データシート(HTML) 7 Page - Fairchild Semiconductor

  FQD13N06 Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N06 Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure 16. TO252 (D-PAK), Molded, 3-Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003


同様の部品番号 - FQD13N06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
   60V N-Channel MOSFET
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
logo
Inchange Semiconductor ...
FQD13N06 ISC-FQD13N06 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
More results

同様の説明 - FQD13N06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com