データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2306 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SI2306
部品情報  SOT-23 Plastic-Encapsulate MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI2306 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SI2306 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI2306 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate MOSFETS
SI2306 N-Channel 30-V(D-S) MOSFET
FEATURE
TrenchFET Power MOSFET
APPLICATIONS
Load Switch for Portable Devices
DC/DC Converter
MARKING:
*6**
Maximum ratings (at TA=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (TJ=150
℃)
a,b
ID
3.16
Pulsed Drain Current
IDM
20
Continuous Source Current(Diode Conduction)
a,b
IS
0.62
A
Maximum Power Dissipation
a,b
PD
0.75
W
Operating Junction and
Storage Temperature Range
TJ, Tstg
-55 to150
Notes :
a. Surface Mounted on 1” ×1” FR4 board, t≤5s.
b. Pulse width limited by maximum junction temperature.
SOT-23
1. GATE
2. SOURCE
3. DRAIN
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
100
℃/W
http://www.makosemi.hk/


同様の部品番号 - SI2306

メーカー部品番号データシート部品情報
logo
MAKO SEMICONDUCTOR CO.,...
SI2306 MAKOSEMI-SI2306 Datasheet
395Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Foshan Blue Rocket Elec...
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Micro Commercial Compon...
SI2306 MCC-SI2306 Datasheet
283Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
SI2306A UMW-SI2306A Datasheet
1Mb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2306BDS VISHAY-SI2306BDS Datasheet
112Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

同様の説明 - SI2306

メーカー部品番号データシート部品情報
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETs
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Microdiode Electronics ...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
NJ2301 DGNJDZ-NJ2301 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com