データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS7619-15 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS7619-15
部品情報  Tripp Lite Power Strip with Surge Suppression - Multiple outlets wherever you need them
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS7619-15 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS7619-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS7619-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS7619-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS7619-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tripp Lite Power Strip with Surge Suppression -
Multiple outlets wherever you need them
MODEL NUMBER: SS7619-15
Description
The SS7619-15 6-ft. power strip with AC surge suppression offers a convenient method of horizontal or vertical
power distribution in equipment racks, computer rooms, workbenches, raceways and more. Includes 24 NEMA
5-15R output receptacles with 2.795-in. center-to-center spacing, 15-ft. AC line cord and adjustable mounting
clips for installation in a wide variety of applications. Protects connected equipment from transient surges and line noise with built-in surge suppression rated at
450 joules. Corded, multi-outlet strip reduces cabling clutter and enables the connection of multiple electrical devices to a single AC wall socket. Features
rugged all-metal housing, lighted power switch with transparent guard to prevent accidental shutoff, 15A resettable circuit breaker and attractive gray color
scheme.
PLUG/OUTLETS: Input: NEMA 5-15P/Output: 24 NEMA 5-15R
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires standard NEMA 5-15R wall receptacle)
FORMAT: 6-ft. corded vertical/raceway power distribution strip
SURGE SUPPRESSION: 450 joules
Features
Long 6-ft./72-in. strip offers convenient power distribution and surge suppression in equipment racks, computer rooms, workbenches, raceways and more
Includes 24 NEMA 5-15R output receptacles with 2.795-in. center-to-center outlet spacing
Lighted power switch with transparent snap-over guard to prevent accidental shutoff with integrated 15 amp circuit breaker
Adjustable mounting clips support installation in a variety of applications
UL1363/1449 - 400V (USA), cUL (Canada)
15A power handling capacity with circuit breaker
450-joule AC surge suppression
15-ft. AC line cord
Specifications
Highlights
24 outlets
15-ft. cord
72-in. length
450-joule rating
Applications
Offers outlet power distribution
with surge suppression for
multiple loads in equipment
racks, computer rooms,
workbenches and raceways in a
variety of internetworking,
telecommunications, audio/video
and live sound applications.
Package Includes
SS7619-15 Power Strip/Surge
Suppressor
Set of adjustable mounting clips
Warranty information
Instruction manual
1 / 3


同様の部品番号 - SS7619-15

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
SS7646TR SSC-SS7646TR Datasheet
836Kb / 13P
   Touch Screen Controller
More results

同様の説明 - SS7619-15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RS-1215-20 ETC2-RS-1215-20 Datasheet
473Kb / 4P
   Tripp Lite Power Strip - Multiple outlets wherever you need them
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
UL800CB-15 ETC2-UL800CB-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 10 Side-by-Side Outlets and 15-ft. Cord
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
6NX6 ETC2-6NX6 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
4SPDX ETC2-4SPDX Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
   Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
logo
List of Unclassifed Man...
UL620-15 ETC2-UL620-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com