データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5810-F085 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDD5810-F085
部品情報  N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810-F085 データシート(HTML) 6 Page - Fairchild Semiconductor

  FDD5810-F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810-F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
6
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
J = 25°C unless otherwise noted
0.2
0.5
0.8
1.1
1.4
-80
-40
0
40
80
120
160
200
VGS = VDS, ID = 250μA
TJ, JUNCTION TEMPERATURE (oC)
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (oC)
ID = 250μA
100
1000
0.1
1
10
60
10000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
Ciss
Coss
Crss
10
0
2
4
6
8
10
05
10
15
20
25
Qg, GATE CHARGE (nC)
VDD = 30V
ID = 35A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:


同様の部品番号 - FDD5810-F085

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
More results

同様の説明 - FDD5810-F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB24AN06LA0 FAIRCHILD-FDB24AN06LA0 Datasheet
248Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
logo
MagnaChip Semiconductor...
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com