データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4032-B1 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SI4032-B1
部品情報  Si4030/31/32 ISM TRANSMITTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI4032-B1 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI4032-B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4032-B1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Si4030/31/32-B1
Rev 1.1
7
1. Electrical Specifications
Table 1. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
1.8
3.0
3.6
V
Power Saving Modes
IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF2
—15
50
nA
IStandby
Low Power Digital Regulator ON (Register values retained)
and Main Digital Regulator, and RC Oscillator OFF
450
800
nA
ISleep
RC Oscillator and Low Power Digital Regulator ON
(Register values retained) and Main Digital Regulator OFF
—1
µA
ISensor-LBD
Main Digital Regulator and Low Battery Detector ON,
Crystal Oscillator and all other blocks OFF2
—1
µA
ISensor-TS
Main Digital Regulator and Temperature Sensor ON,
Crystal Oscillator and all other blocks OFF2
—1
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF. Crystal Oscillator buffer disabled
—800
µA
TUNE Mode Current
ITune
Synthesizer and regulators enabled
8.5
mA
TX Mode Current
—Si4032
ITX_+20
txpow[2:0] = 111 (+20 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—85
mA
TX Mode Current
—Si4030/31
ITX_+13
txpow[2:0] = 111 (+13 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—30
mA
ITX_+1
txpow[2:0] = 011 (+1 dBm)
Using Silicon Labs’ Reference Design. TX current
consumption is dependent on match and board layout.
—18
mA
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


同様の部品番号 - SI4032-B1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si4032-B1 SILABS-Si4032-B1 Datasheet
1Mb / 58P
   Remote control
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
   Frequency Range = 240??30 MHz
More results

同様の説明 - SI4032-B1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4430-B1 SILABS-SI4430-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com