データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMX700HG データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SMX700HG
部品情報  SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SMX700HG データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SMX700HG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMX700HG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMX700HG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMX700HG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Complete surge protection, line isolation and EMI/RFI noise filtering
5 diagnostic LEDs indicate AC present, on battery, voltage correction, overload & battery low/replace
Battery replacement door and back panel equipotential connection (grounding lug)
Specifications
General Info
Product Group
UPS SYSTEMS
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (Watts)
450
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v nominal inverter output voltage
Frequency Compatibility
50 / 60 Hz
Frequency Compatibility Details
Automatic frequency selection
Output Voltage Regulation (Line
Mode)
-18%, +8%
UPS Output Receptacles
6 C13 outlet(s)
INPUT
Rated input current (Maximum Load)
3.6A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C14 inlet
UPS Input Cord Length (ft.)
6 inch dongle., 16 gauge
UPS Input Cord Length (m)
1.83
Recommended Electrical Service
10A 230V
Voltage Compatibility (VAC)
230
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
14.5 min. (450w)
Half Load Runtime (min.)
36 min. (225w)
DC System Voltage (VDC)
36
Battery Recharge Rate (Included
Batteries)
Less than 3.6 hours from 10% to 90% (typical, full load discharge)
2 / 4


同様の部品番号 - SMX700HG

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMX700HGL TRIPPLITE-SMX700HGL Datasheet
162Kb / 5P
   SmartPro Medical-Grade UPS, Line Interactive, Lithium Battery, 6 Outlets - 230V, 700VA, 450W, Full Isolation
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
   SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
More results

同様の説明 - SMX700HG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
   SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1200XLHG ETC2-SMART1200XLHG Datasheet
502Kb / 7P
   SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
   SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
SMX1200XLHG TRIPPLITE-SMX1200XLHG Datasheet
497Kb / 4P
   SmartPro 230V 1000VA 750W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMX700HGL TRIPPLITE-SMX700HGL Datasheet
162Kb / 5P
   SmartPro Medical-Grade UPS, Line Interactive, Lithium Battery, 6 Outlets - 230V, 700VA, 450W, Full Isolation
SMX1200XLHGL TRIPPLITE-SMX1200XLHGL Datasheet
162Kb / 5P
   SmartPro Medical-Grade UPS, Line Interactive, Lithium Battery, 6 Outlets - 230V, 1kVA, 750W, Full Isolation
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com