データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ278 データシート(PDF) 2 Page - Hitachi Semiconductor

部品番号 2SJ278
部品情報  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ278 データシート(HTML) 2 Page - Hitachi Semiconductor

  2SJ278 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ278 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ278
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–60
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–1
A
Drain peak current
I
D(pulse)*
1
–4
A
Body to drain diode reverse drain current
I
DR
–1
A
Channel dissipation
Pch*
2
1W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5
×20×0.7 mm)
3. Marking is “MY”.
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–60
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–10
µAV
DS = –50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.25
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
R
DS(on)
0.7
0.83
I
D = –0.5 A, VGS = –10 V*
1
resistance
0.9
1.2
I
D = –0.5 A, VGS = –4 V*
1
Forward transfer admittance
|y
fs|
0.6
1.0
S
I
D = –0.5 A, VDS = –10 V*
1
Input capacitance
Ciss
160
pF
V
DS = –10 V, VGS = 0,
Output capacitance
Coss
80
pF
f = 1 MHz
Reverse transfer capacitance
Crss
28
pF
Turn-on delay time
t
d(on)
—7
—ns
I
D = –0.5 A, VGS = –10 V,
Rise time
t
r
—8
—ns
R
L = 60 Ω
Turn-off delay time
t
d(off)
—30
ns
Fall time
t
f
—25
ns
Body to drain diode forward
voltage
V
DF
–1.1
V
I
F = –1 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
90
ns
I
F = –1 A, VGS = 0,
di
F/dt = 50 A/µs


同様の部品番号 - 2SJ278

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SJ278 RENESAS-2SJ278 Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278MYTL-E RENESAS-2SJ278MYTL-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278MYTR-E RENESAS-2SJ278MYTR-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278 RENESAS-2SJ278_15 Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
More results

同様の説明 - 2SJ278

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com