データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1005SRG データシート(PDF) 3 Page - Stanson Technology

部品番号 ST1005SRG
部品情報  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1005SRG データシート(HTML) 3 Page - Stanson Technology

  ST1005SRG Datasheet HTML 1Page - Stanson Technology ST1005SRG Datasheet HTML 2Page - Stanson Technology ST1005SRG Datasheet HTML 3Page - Stanson Technology ST1005SRG Datasheet HTML 4Page - Stanson Technology ST1005SRG Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ST1005SRG
P Channel Enhancement Mode MOSFET
-0.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1005SRG 2013. Rev.1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ
Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-10uA
-100
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±
100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-80V,VGS=0V
-1
uA
VDS=-80V,VGS=0V
TJ=55℃
-5
Drain-source On-Resistance
RDS(on)
VGS=-10V,ID=-0.8A
VGS=-4.5V,ID=-0.4A
0.640
0.690
0.650
0.700
Ω
Forward Transconductance
gfs
VDS=-5,ID=-0.8
2.0
S
Diode Forward Voltage
VSD
IS=-1.0A,VGS=0V
-0.8
V
Dynamic
Total Gate Charge
Qg
VDS=-50V
VGS=-10V
ID≡-0.5A
16
nC
Gate-Source Charge
Qgs
9
Gate-Drain Charge
Qgd
1.23
Input Capacitance
Ciss
VDS=-15V
VGS=0V
F=1MHz
600
pF
Output Capacitance
Coss
550
Reverse Transfer
Capacitance
Crss
20
Turn-On Time
td(on)
tr
VDD=-50V
ID=-0.5A
VGS=-10V
RG=2.5Ω
2
nS
19
Turn-Off Time
td(off)
tf
18.5
20


同様の部品番号 - ST1005SRG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST100 STMICROELECTRONICS-ST100 Datasheet
26Kb / 3P
   ST100 DSP CORES
logo
RFbeam Microwave GmbH
ST100 RFBEAM-ST100 Datasheet
662Kb / 2P
   ST100 Starterkit
logo
Vishay Siliconix
ST100-125T3MI VISHAY-ST100-125T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST100-30TMI VISHAY-ST100-30TMI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Solid States Devices, I...
ST1000 SSDI-ST1000 Datasheet
114Kb / 2P
   Transient Voltage Suppressor
More results

同様の説明 - ST1005SRG

メーカー部品番号データシート部品情報
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com