データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2300SRG データシート(PDF) 3 Page - Stanson Technology

部品番号 ST2300SRG
部品情報  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2300SRG データシート(HTML) 3 Page - Stanson Technology

  ST2300SRG Datasheet HTML 1Page - Stanson Technology ST2300SRG Datasheet HTML 2Page - Stanson Technology ST2300SRG Datasheet HTML 3Page - Stanson Technology ST2300SRG Datasheet HTML 4Page - Stanson Technology ST2300SRG Datasheet HTML 5Page - Stanson Technology ST2300SRG Datasheet HTML 6Page - Stanson Technology ST2300SRG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST2300SRG
N Channel Enhancement Mode MOSFET
6.0A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2300SRG 2005. V1
3
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
0.4
1.2
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=20V,VGS=0V
1
uA
VDS=20V,VGS=0V
TJ=85℃
10
Drain-source On-Resistance
RDS(on)
VGS=10V,ID=6.0A
VGS=4.5V,ID=5.0A
VGS=2.5V,ID=4.5A
0.035
0.048
0.090
Ω
Forward Tranconductance
gfs
VDS=15V,ID=5.0A
30
S
Diode Forward Voltage
VSD
IS=1.7A,VGS=0V
0.9
1.2
V
Dynamic
Total Gate Charge
Qg
VDS=10V
VGS=4.5V
ID≡5A
10
13
nC
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
2.1
Input Capacitance
Ciss
VDS=10V
VGS=0V
F=1MHz
600
pF
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
100
Turn-On Time
td(on)
tr
VDD=10V
RL=10Ω
ID=1A
VGEN=4.5V
RG=6Ω
15
25
nS
40
60
Turn-Off Time
td(off)
tf
45
65
30
40


同様の部品番号 - ST2300SRG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ST2300SRG_V2 ETC2-ST2300SRG_V2 Datasheet
484Kb / 7P
   N Channel Enhancement Mode MOSFET
More results

同様の説明 - ST2300SRG

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com