データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC6614 データシート(PDF) 2 Page - Stanson Technology

部品番号 STC6614
部品情報  N&P Pair Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC6614 データシート(HTML) 2 Page - Stanson Technology

  STC6614 Datasheet HTML 1Page - Stanson Technology STC6614 Datasheet HTML 2Page - Stanson Technology STC6614 Datasheet HTML 3Page - Stanson Technology STC6614 Datasheet HTML 4Page - Stanson Technology STC6614 Datasheet HTML 5Page - Stanson Technology STC6614 Datasheet HTML 6Page - Stanson Technology STC6614 Datasheet HTML 7Page - Stanson Technology STC6614 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STC6614
N&P Pair Enhancement Mode MOSFET
7.0A / -5.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC6614 2010. V1
ABSOULTE MAXIMUM RATINGS
(Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
N
P
Unit
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
7.0
5.2
-5.0
-4.0
A
Pulsed Drain Current
IDM
40
-30
A
Continuous Source Current
(Diode Conduction)
IS
3
-3
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.3
1.3
2.3
1.3
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction
to Ambient
T≦10Sec
Sready State
RθJA
62.5
110
62.5
110
℃/W


同様の部品番号 - STC6614

メーカー部品番号データシート部品情報
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
   Dual N&P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STC6602 VBSEMI-STC6602 Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Stanson Technology
STC6602ST6RG STANSON-STC6602ST6RG Datasheet
873Kb / 8P
   Dual N&P Channel Enhancement Mode MOSFET
More results

同様の説明 - STC6614

メーカー部品番号データシート部品情報
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com