データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD2985 データシート(PDF) 4 Page - E-Tech Electronics LTD

部品番号 LD2985
部品情報  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD2985 データシート(HTML) 4 Page - E-Tech Electronics LTD

  LD2985 Datasheet HTML 1Page - E-Tech Electronics LTD LD2985 Datasheet HTML 2Page - E-Tech Electronics LTD LD2985 Datasheet HTML 3Page - E-Tech Electronics LTD LD2985 Datasheet HTML 4Page - E-Tech Electronics LTD LD2985 Datasheet HTML 5Page - E-Tech Electronics LTD LD2985 Datasheet HTML 6Page - E-Tech Electronics LTD LD2985 Datasheet HTML 7Page - E-Tech Electronics LTD LD2985 Datasheet HTML 8Page - E-Tech Electronics LTD LD2985 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R102-024.J
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
ViN
16
V
INHIBIT Input Voltage
VINH
16
V
Output Current
IOUT
Internally limited
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
81
°C/W
ELECTRICAL CHARACTERISTICS
(TJ=25°C, VI N=VOUT+1V, IOUT=1mA, VSHDN=2V, CI =1μF, CO=1μF, unless otherwise specified)
FOR VOUT=1.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
16
V
Output Voltage
VOUT
VIN=2.5V
1.470
1.5
1.530
V
IOUT=1 ~ 150mA
1.455
1.545
V
Short Circuit Current
ISC
RL=0
600
mA
Line Regulation
VOUT
VIN=VOUT+1V ~ 16V, IOUT=1mA
30
mV
Dropout Voltage
VD
IOUT=0
1
3
mV
IOUT=1mA
7
10
mV
IOUT=10mA
40
60
mV
IOUT=50mA
120
150
mV
IOUT=150mA
280
350
mV
Quiescent Current
IQ
IOUT=0
80
100
μA
IOUT=1mA
100
150
μA
IOUT=10mA
280
330
μA
IOUT=50mA
1050
1300
μA
IOUT=150mA
2900
3300
μA
OFF MODE VINH<0.18V
1.5
μA
Supply Voltage Rejection
SVR
CBYP=0.01μF, CO=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-20 ~125°C
0.15
V
Control Input Logic High
VIH
TJ=-20 ~125°C
2
V
Control Input Current
IINH
TJ=-20 ~125°C, VSHDN=VIN
5
15
μA
TJ=-20 ~125°C, VSHDN=0V
0
-1
μA
Output Noise Voltage
eN
B=300Hz ~ 50KHz,
CBYP=0.01μF, CO=10μF
30
μV


同様の部品番号 - LD2985

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
More results

同様の説明 - LD2985

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com