データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP3467 データシート(PDF) 3 Page - Stanson Technology

部品番号 STP3467
部品情報  P Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP3467 データシート(HTML) 3 Page - Stanson Technology

  STP3467 Datasheet HTML 1Page - Stanson Technology STP3467 Datasheet HTML 2Page - Stanson Technology STP3467 Datasheet HTML 3Page - Stanson Technology STP3467 Datasheet HTML 4Page - Stanson Technology STP3467 Datasheet HTML 5Page - Stanson Technology STP3467 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STP3467
STP3467
STP3467
STP3467
P Channel Enhancement Mode MOSFET
-5.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STP3467 2008. V1
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Static
Static
Static
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-0.35
-0.8
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
-1
uA
VDS=-20V,VGS=0V
TJ=55℃
-5
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-10V
-6
A
Drain-source On-Resistance
RDS(on)
VGS=-10V,ID=-5.2A
0.075
0.090
Ω
VGS=-4.5V,ID=-4.2A
0.090
0.110
VGS=-1.8V,ID=-1.7A
0.120
0.140
Forward Transconductance
gfs
VDS=-5.0V,ID=-2.8A
-10
S
Diode Forward Voltage
VSD
IS=-1.5A,VGS=0V
-0.8
-1.2
V
Dynamic
Dynamic
Dynamic
Dynamic
Total Gate Charge
Qg
4.8
8
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.0
Input Capacitance
Ciss
VDS=-6V,VGS=0,
f=1MHz
485
pF
Output Capacitance
Coss
85
Reverse Transfer
Capacitance
Crss
40
Turn-On Time
Td(on)
VDD=-6V,
RL=6Ω, VGEN=-4.5V
RG=6Ω
10
15
ns
tr
15
25
Turn-Off Time
Td(off)
18
25
tf
15
20
VDS=-6V,VGS=-4.5V,
VDS=-2.8A


同様の部品番号 - STP3467

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
STP3401 VBSEMI-STP3401 Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
STP3401A VBSEMI-STP3401A Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
STP3401AS-TRG VBSEMI-STP3401AS-TRG Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
STP3401S-TRG VBSEMI-STP3401S-TRG Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
STP3407 VBSEMI-STP3407 Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

同様の説明 - STP3467

メーカー部品番号データシート部品情報
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com