データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-B320LF データシート(PDF) 4 Page - Bourns Electronic Solutions

部品番号 CD214A-B320LF
部品情報  CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B320LF データシート(HTML) 4 Page - Bourns Electronic Solutions

  CD214A-B320LF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B320LF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B320LF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B320LF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B320LF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves: CD214A-B340L
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
0.1
1
10
0
0.05 0.10
0.15 0.20
0.25
0.30 0.35 0.40
0.45
0.50
0.55
Forward Voltage (Volts)
Tj=25 °C
Tj=100 °C
Tj=125 °C
PULSEWIDTH 300µs
55
1000
100
0.1
1
10
0.01
0
5
10
15
20
25
35
40
45
Rated Peak Reverse Voltage (V)
30
Tj=25 °C
Tj=100 °C
Tj=125 °C
3.50
2.50
2.00
3.00
1.50
1.00
0.50
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
1000
100
200
300
400
500
600
700
800
900
0
0
20
40
60
80
100
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


同様の部品番号 - CD214A-B320LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B320LR BOURNS-CD214A-B320LR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

同様の説明 - CD214A-B320LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B330LF BOURNS-CD214A-B330LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B340LF BOURNS-CD214A-B340LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B320 BOURNS-CD214B-B320 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320 BOURNS-CD214C-B320 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-R12000R BOURNS-CD214A-R12000R Datasheet
182Kb / 5P
   CD214A-R12000R Rectifier Chip Diode
REV. 03/20
CD214A-S1X BOURNS-CD214A-S1X Datasheet
184Kb / 5P
   CD214A-S1x Series Rectifier Chip Diode
REV. 03/20
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com