データシートサーチシステム |
|
HCPL-0300 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0300 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 14 page 8 7 6 1 3 5 2 4 NC ANODE CATHODE NC VCC RL VOUT GND Functional Diagram A 0.1 pF bypass capacitor must be connected between pins 5 and 8. HCPL-2300, HCPL-0300 8 MBd Low Input Current Optocoupler Data Sheet Description The HCPL-2300/HCPL-0300 optocoupler combines an 820 nm AlGaAs photon emitting diode with an integrated high gain photon detector. This combina-tion of Avago designed and manufactured semiconductor devices brings new high performance capabilities to designers of isolated logic and data communication cir- cuits. The new low current, high speed AlGaAs emitter manu- factured with a unique diffused junction, has the virtue of fast rise and fall times at low drive currents. Figure 6 il- lustrates the propagation delay vs. input current charac- teristic. These unique characteristics enable this device to be used in an RS-232-C interface with ground loop iso- lation and improved common mode rejection. As a line receiver, the HCPL-2300/HCPL-0300 will operate over longer line lengths for a given data rate because of lower I F and VF specifications. Features • Guaranteed low thresholds: I F = 0.5 mA, VF ≤ 1.5 V • High speed: guaranteed 5MBd over temperature • Versatile: compatible with TTL, LSTTL and CMOS • Efficient 820 nm AlGaAs LED • Internal shield for guaranteed common mode rejection • Schottky clamped, open collector output with optional integrated pull-up resistor • Static and dynamic performance guaranteed from -40°C to 85°C • Safety approval – UL recognized -3750 V rms for 1 minute – CSA approved – IEC/EN/DIN EN60747-5-5 approved with V IORM = 630 V peak (Option 060) Applications • Ground loop elimination • Computer-peripheral interfaces • Level shifting • Microprocessor system interfaces • Digital isolation for A/D, D/A conversion • RS-232-C interface • High speed, long distance isolated line receiver CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. Lead (Pb) Free RoHS 6 fully compliant RoHS 6 fully compliant options available; -xxxE denotes a lead-free product |
同様の部品番号 - HCPL-0300 |
|
同様の説明 - HCPL-0300 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |