データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0872 データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-0872
部品情報  Digital Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0872 データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0872 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Digital Interface Timing
Power Up/Reset
At power up, the digital interface IC should be reset
either manually, by bringing the RESET pin (pin 9) high
for at least 100 ns, or automatically by connecting a
10µF capacitor between the RESET pin and VDD (pin 16).
The RESET pin operates asynchronously and places the
IC in its default configuration, as specified in the Digital
Interface Configuration section.
Figure 2. Conversion Timing.
Conversion Timing
Figure 2 illustrates the timing for one complete conver-
sion cycle. A conversion cycle is initiated on the falling
edge of the convert start signal (CS); CS should be held
low during the entire conversion cycle. When CS is
brought low, the serial output data line (SDAT) changes
from a high-impedance to the low state, indicating that
the converter is busy. A rising edge on SDAT indicates
that data is ready to be clocked out. The output data
is clocked out on the negative edges of the serial clock
pulses (SCLK), MSB first. A total of 16 pulses is needed
to clock out all of the data. After the last clock pulse, CS
should be brought high again, causing SDAT to return to
a high-impedance state, completing the conversion cycle.
If the external circuit uses the positive edges of SCLK to
clock in the data, then a total of sixteen bits is clocked in,
the first bit is always high (indicating that data is ready)
followed by 15 data bits. If fewer than 16 cycles of SCLK
are input before CS is brought high, the conversion cycle
will terminate and SDAT will go to the high-impedance
state after a few cycles of the Isolated Modulator’s clock.
The amount of time between the falling edge of CS and
the rising edge of SDAT depends on which conversion
and pre-trigger modes are selected; it can be as low as
0.7µs when using pre-trigger mode 2, as explained in the
Digital Interface Configuration section.
SCLK
SDAT
CHAN
tSUCHS
tDSDAT
tC
tSUS
B14
B13
B12
B11
B10
B1
B0
1
2
3
4
5
6
tPER
tPWL
15
16
tPWH
CS


同様の部品番号 - HCPL-0872

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
More results

同様の説明 - HCPL-0872

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Sharp Corporation
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
   transmitter IC for digital audio interface
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
logo
Toshiba Semiconductor
TC9245F TOSHIBA-TC9245F Datasheet
441Kb / 12P
   RECEIVING DEMODULATION IC FOR DIGITAL AUDIO INTERFACE
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com