データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-458CA726PFB-A10 データシート(PDF) 1 Page - NEC

部品番号 MC-458CA726PFB-A10
部品情報  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

MC-458CA726PFB-A10 データシート(HTML) 1 Page - NEC

  MC-458CA726PFB-A10 Datasheet HTML 1Page - NEC MC-458CA726PFB-A10 Datasheet HTML 2Page - NEC MC-458CA726PFB-A10 Datasheet HTML 3Page - NEC MC-458CA726PFB-A10 Datasheet HTML 4Page - NEC MC-458CA726PFB-A10 Datasheet HTML 5Page - NEC MC-458CA726PFB-A10 Datasheet HTML 6Page - NEC MC-458CA726PFB-A10 Datasheet HTML 7Page - NEC MC-458CA726PFB-A10 Datasheet HTML 8Page - NEC MC-458CA726PFB-A10 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1997
MOS INTEGRATED CIRCUIT
MC-458CA726
8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE
UNBUFFERED TYPE
DATA SHEET
Document No. M13050EJ7V0DS00 (7th edition)
Date Published January 2000 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5
5
5
5 shows major revised points.
Description
The MC-458CA726EFB and MC-458CA726PFB are 8,388,608 words by 72 bits synchronous dynamic RAM module
on which 5 pieces of 128M SDRAM :
µPD45128163 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 8,388,608 words by 72 bits organization (ECC Type)
• Clock frequency and access time from CLK
Part number
/CAS latency
Clock frequency
Access time from CLK
(MAX.)
(MAX.)
MC-458CA726EFB-A80
CL = 3
125 MHz
6 ns
CL = 2
100 MHz
6 ns
MC-458CA726EFB-A10
CL = 3
100 MHz
6 ns
CL = 2
77 MHz
7 ns
MC-458CA726PFB-A80
CL = 3
125 MHz
6 ns
CL = 2
100 MHz
6 ns
MC-458CA726PFB-A10
CL = 3
100 MHz
6 ns
CL = 2
77 MHz
7 ns
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and full page)
• Programmable wrap sequence (sequential / interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ± 10 % of series resistor
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles /64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD


同様の部品番号 - MC-458CA726PFB-A10

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-458CA726PFB-A10 ELPIDA-MC-458CA726PFB-A10 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-458CA726PFB-A10

メーカー部品番号データシート部品情報
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com