データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2247 データシート(PDF) 2 Page - Hitachi Semiconductor

部品番号 2SK2247
部品情報  Silicon N-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2247 データシート(HTML) 2 Page - Hitachi Semiconductor

  2SK2247 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2247 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2247
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
2A
Drain peak current
I
D(pulse)*
1
4A
Body to drain diode reverse drain current
I
DR
2A
Channel dissipation
Pch*
2
1W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes
1. PW
≤ 100 µs, duty cycle ≤ 10 %
2. When using the alumina ceramic board (12.5
× 20 × 0.7mm)
3. Marking is “QY”
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
30
V
I
D = 1 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±10 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
——
1
µAV
DS = 24 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
1.5
2.0
V
I
D = 100 µA, VDS = 10 V
Static drain to source on state
resistance
R
DS(on)
0.3
0.45
I
D = 1 A
V
GS = 4 V*
1
0.22
0.35
I
D = 1 A
V
GS = 10 V*
1
Forward transfer admittance
|y
fs|
1.5
1.9
S
I
D = 1 A
V
DS = 10 V*
1
Input capacitance
Ciss
177
pF
V
DS = 10 V
Output capacitance
Coss
116
pF
V
GS = 0
Reverse transfer capacitance
Crss
43
pF
f = 1 MHz
Turn-on delay time
t
d(on)
—8
—ns
I
D = 1 A
Rise time
t
r
14
ns
V
GS = 10 V
Turn-off delay time
t
d(off)
37
ns
R
L = 30 Ω
Fall time
t
f
33
ns
PW = 2
µs
Note
1. Pulse Test


同様の部品番号 - 2SK2247

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK2247 RENESAS-2SK2247 Datasheet
151Kb / 9P
   Silicon N-Channel MOS FET
More results

同様の説明 - 2SK2247

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com